Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1860CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1860CS8
Description  關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1860CS8 Datasheet HTML 1Page - Linear Technology LTC1860CS8 Datasheet HTML 2Page - Linear Technology LTC1860CS8 Datasheet HTML 3Page - Linear Technology LTC1860CS8 Datasheet HTML 4Page - Linear Technology LTC1860CS8 Datasheet HTML 5Page - Linear Technology LTC1860CS8 Datasheet HTML 6Page - Linear Technology LTC1860CS8 Datasheet HTML 7Page - Linear Technology LTC1860CS8 Datasheet HTML 8Page - Linear Technology LTC1860CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1860/LTC1861
3
18601fa
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1860CMS8#PBF
LTC1860CMS8#TRPBF
LTWR
8-Lead Plastic MSOP
0°C to 70°C
LTC1860IMS8#PBF
LTC1860IMS8#PBF
LTWS
8-Lead Plastic MSOP
–40°C to 85°C
LTC1860HMS8#PBF
LTC1860HMS8#PBF
LTWS
8-Lead Plastic MSOP
–40°C to 125°C
LTC1860CS8#PBF
LTC1860CS8#PBF
1860
8-Lead Plastic SO
0°C to 70°C
LTC1860IS8#PBF
LTC1860IS8#PBF
1860I
8-Lead Plastic SO
–40°C to 85°C
LTC1861CMS#PBF
LTC1861CMS#PBF
LTWT
10-Lead Plastic MSOP
0°C to 70°C
LTC1861IMS#PBF
LTC1861IMS#PBF
LTWU
10-Lead Plastic MSOP
–40°C to 85°C
LTC1861HMS#PBF
LTC1861HMS#PBF
LTWU
10-Lead Plastic MSOP
–40°C to 125°C
LTC1861CS8#PBF
LTC1861CS8#PBF
1861
8-Lead Plastic SO
0°C to 70°C
LTC1861IS8#PBF
LTC1861IS8#PBF
1861I
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1860CMS8
LTC1860CMS8
LTWR
8-Lead Plastic MSOP
0°C to 70°C
LTC1860IMS8
LTC1860IMS8
LTWS
8-Lead Plastic MSOP
–40°C to 85°C
LTC1860HMS8
LTC1860HMS8
LTWS
8-Lead Plastic MSOP
–40°C to 125°C
LTC1860CS8
LTC1860CS8
1860
8-Lead Plastic SO
0°C to 70°C
LTC1860IS8
LTC1860IS8
1860I
8-Lead Plastic SO
–40°C to 85°C
LTC1861CMS
LTC1861CMS
LTWT
10-Lead Plastic MSOP
0°C to 70°C
LTC1861IMS
LTC1861IMS
LTWU
10-Lead Plastic MSOP
–40°C to 85°C
LTC1861HMS
LTC1861HMS
LTWU
10-Lead Plastic MSOP
–40°C to 125°C
LTC1861CS8
LTC1861CS8
1861
8-Lead Plastic SO
0°C to 70°C
LTC1861IS8
LTC1861IS8
1861I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com