Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1755 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1755
Description  Smart Card Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1755 Datasheet(HTML) 2 Page - Linear Technology

  LTC1755_1 Datasheet HTML 1Page - Linear Technology LTC1755_1 Datasheet HTML 2Page - Linear Technology LTC1755_1 Datasheet HTML 3Page - Linear Technology LTC1755_1 Datasheet HTML 4Page - Linear Technology LTC1755_1 Datasheet HTML 5Page - Linear Technology LTC1755_1 Datasheet HTML 6Page - Linear Technology LTC1755_1 Datasheet HTML 7Page - Linear Technology LTC1755_1 Datasheet HTML 8Page - Linear Technology LTC1755_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1755/LTC1756
ORDER PART
NUMBER
LTC1755EGN
TJMAX = 125°C, θJA = 150°C/W
Consult factory for Industrial and Military grade parts.
VIN to GND (LTC1755) ............................. –0.3V to 6.5V
VIN to GND (LTC1756) ............................. –0.3V to 6.0V
DVCC to GND (LTC1755).......................... –0.3V to 5.5V
VCC to GND .............................................. –0.3V to 5.5V
Digital Inputs to GND
(LTC1755) .............................. – 0.3V to DVCC + 0.3V
Digital Inputs to GND
(LTC1756) ................................. – 0.3V to VIN + 0.3V
(Note 1)
CLK, RST, I/O, AUX1,
AUX2 to GND .............................. – 0.3V to VCC + 0.3V
VCC Short-Circuit Duration............................... Indefinite
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
PRES
PWR
CS
NC/NO
GND
VIN
VCC
AUX1
AUX2
I/O
RST
CLK
5V/3V
CARD
ALARM
READY
DVCC
C –
C +
AUX1IN
AUX2IN
DATA
RIN
CIN
ORDER PART
NUMBER
LTC1756EGN
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
PRES
PWR
GND
VIN
VCC
I/O
RST
CLK
5V/3V
CARD
READY
C–
C+
DATA
RIN
CIN
TJMAX = 125°C, θJA = 135°C/W
PART MARKING
1756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com