Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6907
Description  Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6907 Datasheet HTML 4Page - Linear Technology LTC6907 Datasheet HTML 5Page - Linear Technology LTC6907 Datasheet HTML 6Page - Linear Technology LTC6907 Datasheet HTML 7Page - Linear Technology LTC6907 Datasheet HTML 8Page - Linear Technology LTC6907 Datasheet HTML 9Page - Linear Technology LTC6907 Datasheet HTML 10Page - Linear Technology LTC6907 Datasheet HTML 11Page - Linear Technology LTC6907 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC6907
6907fa
TYPICAL APPLICATIO S
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0506 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator, Resistor Set
Wide Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator, Resistor Set
Low Power, Wide Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
0.1% Frequency Resolution, I2C or SPI Interface
LTC6905
17MHz to 170MHz ThinSOT Oscillator, Resistor Set
High Frequency, 100
µsec Startup, 7ps RMS Jitter
LTC6905-XXX
Fixed Frequency ThinSOT Oscillator Family, up to 133MHz
No Trim Components Required
LTC6906
Micropower 10kHz to 1MHz ThinSOT Oscillator, Resistor Set
12
µA Supply Current of 100kHz, 0.65% Frequency Accuracy
RELATED PARTS
Low Power 62.5Hz to 6.25kHz Sine Wave Generator (IQ < 1.5mA)
0.1
µF
1MHz
1k
6907 TA05
RSET
200k
L1
100
µH
3V TO 3.6V
C1
220pF
0.1
µF
V+
GND
DIV
OUT
GRD
SET
LTC6907
Sine Wave Oscillator
2MHz WITH
±2.5% RANGE
6907 TA04
RA
97.6k
RB
5k
3V TO 3.6V
0.1
µF
V+
GND
DIV
OUT
GRD
SET
LTC6907
Trimming the Frequency
6907 TA03
RA
RA < RB/10
1% THIN FILM
RB
50k TO 500k
0.1% THIN FILM
40kHz TO 4MHz
3V TO 3.6V
0.1
µF
÷1
÷3
÷10
V+
GND
DIV
OUT
GRD
SET
LTC6907
Setting Frequency to 0.1%
Resolution with Standard Resistors
1
2
16
10
7
8
9
15
3
4
5
6
11
12
13
14
CLOCK A
ENABLE A
VDD
ENABLE B
RESET A
VSS
CLOCK B
RESET B
Q1A
Q2A
Q3A
Q4A
Q1B
Q2B
Q3B
Q4B
74HC4520
fOSC
÷2
÷4
÷8
÷16
÷32
÷64
÷128
÷256
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
LTC1067-50
3V
C2
0.1
µF
C3
0.1
µF
C4
1
µF
R61
10k
R51 5.11k
R31 51.1k
R21 20k
RH1 249k
RL1 51.1k
CLOCK-TUNABLE LOWPASS FILTER WITH
A STOPBAND NOTCH AT THE 3rd HARMONIC
3V
R62 14k
R52
5.11k
R32 51.1k
R22 20k
SINEWAVE
OUT
6907 TA06
R11
100k
fOSC
64
fOSC
64
()•3
fOSC = 400kHz TO 40kHz
3V
56.2k
499k
VCTRL
0V–0.6V
1
µF
V+
GND
GRD
LTC6907
SET
OUT
1
2
3
5
4
DIV
fSINE = fOSC
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com