Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1220RW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF1220RW
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1220RW Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF1220RW Datasheet HTML 1Page - Vishay Siliconix TSDF1220RW Datasheet HTML 2Page - Vishay Siliconix TSDF1220RW Datasheet HTML 3Page - Vishay Siliconix TSDF1220RW Datasheet HTML 4Page - Vishay Siliconix TSDF1220RW Datasheet HTML 5Page - Vishay Siliconix TSDF1220RW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSDF1220/TSDF1220R/TSDF1220W/TSDF1220RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 6, 30-Jun-00
3 (6)
Document Number 85066
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
96 12159
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
4
8
12
16
20
0
5
10
15
20
25
30
IC – Collector Current ( mA )
14288
VCE=5V
f=2GHz
VCE=3V
f=1GHz
Figure 2. Transition Frequency vs. Collector Current
0
0.1
0.2
0.3
0.4
0.5
012
345
VCB – Collector Base Voltage ( V )
14289
f=1MHz
Figure 3. Collector Base Capacitance vs.
Collector Base Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
IC – Collector Current ( mA )
14290
VCE=5V
f=1GHz
ZS=50W
Figure 4. Noise Figure vs. Collector Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com