Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1250W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF1250W
Description  Silicon NPN Planar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1250W Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF1250W Datasheet HTML 1Page - Vishay Siliconix TSDF1250W Datasheet HTML 2Page - Vishay Siliconix TSDF1250W Datasheet HTML 3Page - Vishay Siliconix TSDF1250W Datasheet HTML 4Page - Vishay Siliconix TSDF1250W Datasheet HTML 5Page - Vishay Siliconix TSDF1250W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSDF1250/TSDF1250R/TSDF1250W/TSDF1250RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 5, 08-Jul-99
2 (6)
Document Number 85067
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthJA
450
K/W
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
VCE = 12 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
2
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
6
V
Collector-emitter saturation voltage
IC = 50 mA, IB = 5 mA
VCEsat
0.1
0.5
V
DC forward current transfer ratio
VCE = 5 V, IC = 40 mA
hFE
50
100
150
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 5 V, IC = 40 mA, f = 1 GHz
fT
12
GHz
Collector-base capacitance
VCB = 1 V, f = 1 MHz
Ccb
0.6
pF
Collector-emitter capacitance
VCE = 1 V, f = 1 MHz
Cce
0.3
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.7
pF
Noise figure
VCE = 5 V, IC = 5 mA,
ZS = ZSopt, ZL = 50 W, f = 2 GHz
F
1.2
dB
Power gain
VCE = 5 V, IC = 5 mA,
f = 2 GHz (@Fopt)
Gpe
11
dB
VCE = 5 V, IC = 40 mA,
ZS = ZSopt, ZL = 50 W, f = 2 GHz
Gpe
13.5
dB
Transducer gain
VCE = 5 V, IC = 40 mA,
Z0 = 50 W, f = 2 GHz
S21e2
12.5
dB
Third order intercept point at
output
VCE = 5 V, IC = 40 mA, f = 2 GHz
IP3
28
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com