Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907HS6 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6907HS6
Description  Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907HS6 Datasheet(HTML) 2 Page - Linear Technology

  LTC6907HS6 Datasheet HTML 1Page - Linear Technology LTC6907HS6 Datasheet HTML 2Page - Linear Technology LTC6907HS6 Datasheet HTML 3Page - Linear Technology LTC6907HS6 Datasheet HTML 4Page - Linear Technology LTC6907HS6 Datasheet HTML 5Page - Linear Technology LTC6907HS6 Datasheet HTML 6Page - Linear Technology LTC6907HS6 Datasheet HTML 7Page - Linear Technology LTC6907HS6 Datasheet HTML 8Page - Linear Technology LTC6907HS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC6907
6907fa
V+ ................................................................– 0.3V to 6V
DIV to GND .................................... – 0.3V to (V+ + 0.3V)
SET to GND ................................... – 0.3V to (V+ + 0.3V)
GRD to GND .................................. – 0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 7)
LTC6907C .......................................... – 40
°C to 85°C
LTC6907I ............................................ – 40
°C to 85°C
LTC6907H ........................................ – 40
°C to 125°C
Specified Temperature Range (Note 7)
LTC6907C ............................................... 0
°C to 70°C
LTC6907I ............................................ – 40
°C to 85°C
LTC6907H ........................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
LTC6907CS6
LTC6907IS6
LTC6907HS6
(Note 1)
S6 PART MARKING*
LTBTX
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is indicated by a label on the shipping container.
The
● denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V to 3.6V, CL = 5pF, Pin 3 = V+ unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆f
Frequency Accuracy (Notes 2, 3)
V+ = 3V to 3.6V 400kHz
≤ f ≤ 4MHz
±0.25
±0.65
%
400kHz
≤ f ≤ 4MHz, LTC6907C
●
±1%
400kHz
≤ f ≤ 4MHz, LTC6907I, H ●
±1.3
%
RSET
Frequency-Setting Resistor Range
●
50
500
k
Ω
∆f/∆T
Frequency Drift Over Temp (Note 3)
RSET = 158k
●
±0.005
%/
°C
∆f/∆V
Frequency Drift Over Supply (Note 3)
V+ = 3V to 3.6V, 50k
≤ RSET ≤ 500k
0.06
%/V
Timing Jitter (Peak-to-Peak) (Note 4)
Pin 3 = V+, 50k
≤ RSET ≤ 500k
0.12
%
Pin 3 = Open, 50k
≤ RSET ≤ 500k
0.28
%
Pin 3 = 0V, 50k
≤ RSET ≤ 500k
0.60
%
Sf
Long-Term Stability of Output Frequency
Pin 3 = V+
300
ppm/
√kHr
(Note 9)
Stability Over 1 Year
888
ppm
Stability Over 10 Years
2809
ppm
DC
Duty Cycle
●
43
50
57
%
V+
Operating Supply Range (Note 8)
●
3
3.6
V
IS
Power Supply Current
RSET = 500k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
●
40
55
µA
(DIV = 1, fOUT = 400kHz)
V+ = 3V
●
36
48
µA
RSET = 50k, Pin 3 = 0V, RL = 10M
V+ = 3.6V
●
305
406
µA
(DIV = 1, fOUT = 4MHz)
V+ = 3V
●
275
366
µA
VIH
High Level DIV Input Voltage
V+ = 3.6V
●
3.1
V
V+ = 3V
●
2.6
V
VIL
Low Level DIV Input Voltage
V+ = 3.6V
●
0.5
V
V+ = 3V
●
0.2
V
IDIV
DIV Input Current (Note 5)
Pin 3 = V+
V+ = 3.6V
●
1
2
µA
Pin 3 = 0V
●
–2
–1
µA
ELECTRICAL CHARACTERISTICS
TJMAX = 150°C, θJA = 200°C/W
OUT 1
GND 2
DIV 3
6 V+
5 GRD
4 SET
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com