Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6910-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6910-1
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC6910-1 Datasheet HTML 1Page - Linear Technology LTC6910-1 Datasheet HTML 2Page - Linear Technology LTC6910-1 Datasheet HTML 3Page - Linear Technology LTC6910-1 Datasheet HTML 4Page - Linear Technology LTC6910-1 Datasheet HTML 5Page - Linear Technology LTC6910-1 Datasheet HTML 6Page - Linear Technology LTC6910-1 Datasheet HTML 7Page - Linear Technology LTC6910-1 Datasheet HTML 8Page - Linear Technology LTC6910-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
2
6910123fa
Total Supply Voltage (V+ to V–) ............................. 11V
Input Current .....................................................
±25mA
Operating Temperature Range (Note 2)
LTC6910-1C, -2C, -3C ........................ – 40
°C to 85°C
LTC6910-1I, -2I, -3I ........................... – 40
°C to 85°C
LTC6910-1H, -2H, -3H .................... – 40
°C to 125°C
Specified Temperature Range (Note 3)
LTC6910-1C, -2C, -3C ........................ – 40
°C to 85°C
LTC6910-1I, -2I, -3I ........................... – 40
°C to 85°C
LTC6910-1H, -2H, -3H .................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA = 230°C/W
LTC6910-1CTS8
LTC6910-1ITS8
LTC6910-1HTS8
LTC6910-2CTS8
LTC6910-2ITS8
LTC6910-2HTS8
LTC6910-3CTS8
LTC6910-3ITS8
LTC6910-3HTS8
(Note 1)
TS8 PART MARKING*
LTB5 (6910-1)
LTACQ (6910-2)
LTACS (6910-3)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grades are identified by a label on the shipping container.
OUT 1
AGND 2
IN 3
V– 4
8 V+
7 G2
6 G1
5 G0
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
Table 1. LTC6910-1
NOMINAL
NOMINAL
NOMINAL LINEAR INPUT RANGE (VP-P)
INPUT
VOLTAGE GAIN
Dual 5V
Single 5V
Single 3V
IMPEDANCE
G2
G1
G0
Volts/Volt
(dB)
Supply
Supply
Supply
(k
Ω)
0
0
0
0
–120
10
5
3
(Open)
0
0
1
–1
0
10
5
3
10
0
1
0
–2
6
5
2.5
1.5
5
0
1
1
–5
14
2
1
0.6
2
1
0
0
–10
20
1
0.5
0.3
1
1
0
1
–20
26
0.5
0.25
0.15
1
1
1
0
–50
34
0.2
0.1
0.06
1
1
1
1
–100
40
0.1
0.05
0.03
1
GAI SETTI GS A D PROPERTIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com