Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF54040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF54040
Description  Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF54040 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF54040 Datasheet HTML 1Page - Vishay Siliconix TSDF54040 Datasheet HTML 2Page - Vishay Siliconix TSDF54040 Datasheet HTML 3Page - Vishay Siliconix TSDF54040 Datasheet HTML 4Page - Vishay Siliconix TSDF54040 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSDF54040
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 16-Mar-99
1 (5)
Document Number 85071
Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner
Prestage with 5 V Supply Voltage
MOSMIC - MOS Monolithic Integrated Circuit
Electrostatic sensitive device.
Observe precautions for handling.
Applications
Low noise gain controlled input stages in UHF-and
VHF- tuner with 5 V supply voltage.
Typical Application
Amplifier 1
G2
G1
RF in
AGC
S
D
VDD
C block
RFC
RF out
94 9296
C block
C block
Amplifier 2
G2
G1
RF in
AGC
S
D
VDD
C block
RFC
RF out
94 9296
C block
C block
Features
D Two AGC amplifiers in a single package
D Integrated gate protection diodes
D Low noise figure
D High gain, high forward transadmittance
(40 mS typ.)
D Biasing network on chip
D Improved cross modulation at gain reduction
D High AGC-range
D SMD package
16022
13
2
64
5
WD4
TY
CW
TSDF54040 Marking: WD4
Plastic case (SOT 363)
16 015–2
1 = Gate 1 (amplifier 1), 2 = Gate 2, 3 = Drain (amplifier 1),
4 = Drain (amplifier 2), 5 = Source, 6 = Gate1 (amplifier 2)
T = Telefunken
Y = Year, is variable for digit from 0 to 9 (e.g. 9 = 1999, 0 = 2000)
CW = Calendar Week, is variable for number from 01 to 52
Number of Calendar Week is always indicating place of pin 1


Similar Part No. - TSDF54040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF54040XR VISHAY-TSDF54040XR Datasheet
51Kb / 4P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
More results

Similar Description - TSDF54040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-May-99
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Sep-08
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
12-Nov-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com