Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6910-3 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6910-3
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-3 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6910-3 Datasheet HTML 16Page - Linear Technology LTC6910-3 Datasheet HTML 17Page - Linear Technology LTC6910-3 Datasheet HTML 18Page - Linear Technology LTC6910-3 Datasheet HTML 19Page - Linear Technology LTC6910-3 Datasheet HTML 20Page - Linear Technology LTC6910-3 Datasheet HTML 21Page - Linear Technology LTC6910-3 Datasheet HTML 22Page - Linear Technology LTC6910-3 Datasheet HTML 23Page - Linear Technology LTC6910-3 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
21
6910123fa
TYPICAL APPLICATIO
Figure 7 shows a block diagram and Figure 8 the practical
circuit for a low noise amplifier with gain and bandwidth
independently programmable over 100:1 ranges. One
LTC6910-X controls the gain and another controls the
bandwidth. An LT1884 dual op amp forms an integrating
lowpass loop with capacitor C2 to set the programmable
upper corner frequency. The LT1884 also supports rail-to-
rail output swings over the total supply voltage range of
2.7V to 10.5V. AC coupling through capacitor C1 estab-
VIN
C1
GAIN CONTROL PGA
(GAIN A)
VOUT = (GAIN A)VIN
BANDWIDTH CONTROL PGA
(GAIN B)
GAIN = –1
C2
R1
R2
VOUT
6910 F05
1
2
πR1C1 ≤
BANDWIDTH
≤
1
R2
(GAIN B)
2
π
C2
Figure 7. Block Diagram of an AC Amplifier with Programmable Gain and Bandwidth
lishes a fixed low frequency corner of 1Hz, which can be
adjusted by changing C1. Alternatively, shorting C1 makes
the amplifier DC coupled. (If DC gain is not needed,
however, the AC coupling suppresses several error sources:
any shifts in DC levels, low frequency noise and all
amplifier DC offset voltages other than the low internally
trimmed LT1884 offset in the integrating amplifier. If
desired, another coupling capacitor in series with the input
can relax the requirements on DC input level as well.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com