Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB564310 Datasheet(PDF) 1 Page - celduc-relais

Part # SCB564310
Description  Double Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SCB564310 Datasheet(HTML) 1 Page - celduc-relais

  SCB564310 Datasheet HTML 1Page - celduc-relais SCB564310 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCB564310
5-30 VDC Control
2 x 40Amps
400VAC output
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
• Sortie AC synchrone : 24-510Vac - 2 x 40A .
• 2 commandes séparées .
• Connection de Puissance par FASTONS
• Connection de commande par picots ( connecteur )
page 1 / 2 F/GB
S/BIP/SCB564310/B/30/10/2001
Caractéristiques de commande (à 20
°C) / Control characteristics (at 20
°C)
DC
Parameter
Symbol
Min
Nom
Max
Unit
Tension de commande / Control voltage
Uc
5
30
V
Courant de commande / Control current (@ Uc nom )
Ic
3
mA
Tension de relachement/Release voltage
Uc off
1
V
Résistance interne / Input internal resistor
fig.1
Rc
1000
Ω
Tension inverse / Reverse voltage
Urv
30
V
Caractéristiques d'entrée-sortie (à 20
°C) / Input-output characteristics (at 20
°C)
Isolement entrée-sortie/Input-output isolation @500m
Uimp/Ui
4000
VRms
Isolement sortie-semelle/Output-case isolation @500m Uimp/Ui
2500
VRms
Isolement entre voies / Leg 1-Leg 2 isolation @500m
Uimp/Ui
2500
VRms
Caractéristiques générales / General characteristics
Parameter
Conditions
Symbol
Typ.
Unit
Poids/Weight
110
g
Plage de température de stockage / Storage temp
°range
-40/+100
°C
Plage de température de fonctionnement/Operating temp
°range
-40/+100
°C
Resistance thermique Jonction-Case/Junct.-Case thermal resistance(1 leg)
1,1
°C/W
fig1 : Caractéristique d'entrée / Control characteristic
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 3 0
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
Uc (V)
fig. 1 :Caractéristique d'entrée /
Control characteristic
Relais Statique Double
Double Solid State Relay
celduc
r
e
l
a
i
s
• 24-510VAC - 40A x 2 Zero-Cross AC Output.
• 1 control by leg
• Power connections by FASTONS
• Control connections by connector
TOLERANCES
32
19,6
30
28
Ø4,7
25,4
44,5
± 0,3
languette 6,3
L1
T2
T1
L2
+- +-
1 2
+
-
+
-
output
input
input
output
L1
T1
L2
T2
1
2
Inputs : 4 pins 0,64mm sq. - manufacturers : Berg ,Mollex ,AMP ,
Proner comatel ... Other input terminals on request


Similar Part No. - SCB564310

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
Double Solid State Relay
More results

Similar Description - SCB564310

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB345100 CELDUC-SCB345100 Datasheet
105Kb / 2P
Double Solid State Relay
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
Double Solid State Relay
SCB665300 CELDUC-SCB665300 Datasheet
107Kb / 2P
Double Solid State Relay
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
Double Solid State Relay
SCB942300 CELDUC-SCB942300 Datasheet
457Kb / 3P
Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
Double Solid State Relay
SCB945300 CELDUC-SCB945300 Datasheet
251Kb / 3P
Double Solid State Relay
SCB962600 CELDUC-SCB962600 Datasheet
127Kb / 3P
Double Solid State Relay
SCB965600 CELDUC-SCB965600 Datasheet
124Kb / 3P
Double Solid State Relay
SOB542460 CELDUC-SOB542460 Datasheet
437Kb / 2P
Double Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com