Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912IGN-2 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6912IGN-2
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912IGN-2 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6912IGN-2 Datasheet HTML 16Page - Linear Technology LTC6912IGN-2 Datasheet HTML 17Page - Linear Technology LTC6912IGN-2 Datasheet HTML 18Page - Linear Technology LTC6912IGN-2 Datasheet HTML 19Page - Linear Technology LTC6912IGN-2 Datasheet HTML 20Page - Linear Technology LTC6912IGN-2 Datasheet HTML 21Page - Linear Technology LTC6912IGN-2 Datasheet HTML 22Page - Linear Technology LTC6912IGN-2 Datasheet HTML 23Page - Linear Technology LTC6912IGN-2 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC6912
24
6912fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/LT 1005 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1228
100MHZ Gain Controlled Transconductance Amplifier
Differential Input, Continuous Analog Gain Control
LT1251/LT1256
40Mhz Video Fader and Gain Controlled Amplifier
Two Input, One Output, Continuous Analog Gain Control
LTC1564
10kHz to 150kHz Digitally Controlled Filter and PGA
Continuous Time, Low Noise 8th Order Filter and 4-Bit PGA
LTC6910-1/-2/-3
Digitally Controlled Programmable Gain Amplifier
Single Programmable Gain Amplifier, 3-Bit Parallel Digital Interface
in SOT-23
LTC6911-1/-2
Dual Digitally Controlled Programmable Gain Amplifier
Dual Programmable Gain Amplifiers, 3-Bit Parallel Digital Interface
in MSOP-10
LTC6915
Zero Drift Instrumentation Amp
Gains 0 - 4096V/V, 116dB CMRR
with Digitally Programmable Gain
TYPICAL APPLICATIO
INA
AGND
INB
1
µF
0.1
µF
CHANNEL A
INPUT
CHANNEL B
INPUT
VOUT
(TO ADC)
OUT A
OUT B
LTC6912-X
V+
V+
V–
SHDN
CS/LD
DATA
CLK
SHDN
CS/LD
DIN
5
6
7
8
10
9
DGND
DOUT
2
12
14
3
4
15
13
CHB
CHA
3-WIRE
SPI
INTERFACE
6912 TA02
MUX OPERATION: IF THE LOWER NIBBLE (Q3, Q2, Q1, Q0) IS (1, 0, 0, 0) THEN OUTA IS IN
TRI-STATE AND THE UPPER NIBBLE (Q7, Q6, Q5, Q4) CONTROLS THE ACTIVE CHANNEL B.
IF THE UPPER NIBBLE IS (1, 0, 0, 0) THEN OUTB IS IN TRI-STATE
AND THE LOWER NIBBLE CONTROLS ACTIVE CHANNEL A.
A 2:1 PGA MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com