Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601A Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4601A
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4601A Datasheet HTML 17Page - Linear Technology LTM4601A Datasheet HTML 18Page - Linear Technology LTM4601A Datasheet HTML 19Page - Linear Technology LTM4601A Datasheet HTML 20Page - Linear Technology LTM4601A Datasheet HTML 21Page - Linear Technology LTM4601A Datasheet HTML 22Page - Linear Technology LTM4601A Datasheet HTML 23Page - Linear Technology LTM4601A Datasheet HTML 24Page - Linear Technology LTM4601A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4601A/LTM4601A-1
21
4601afb
Figure 16. 5V at 8A Design Without Differential Amplifier
Solution
Lower the switching frequency at lower input voltages
to allow for higher duty cycles, and meet the 400ns
minimum off time at 4.5V input voltage. The off time
should be about 500ns with 100ns guard band. The duty
cycle for (3.3V/4.5) ≈ 73%. Frequency = (1 – DC)/tOFF, or
(1 – 0.73)/500ns = 540kHz. The switching frequency needs
to be lowered to 540kHz at 4.5V input. tON = DC/frequency,
or 1.35μs. The fSET pinvoltagecomplianceis1/3ofVIN, and
the IfSET current equates to 38μA with the internal 39.2k.
The IfSET current needs to be 24μA for 540kHz operation.
A resistor can be placed from VOUT to fSET to lower the
effective IfSET current out of the fSET pin to 24μA. The fSET
pin is 4.5V/3 =1.5V and VOUT = 3.3V, therefore 130k will
source 14μA into the fSET node and lower the IfSET cur-
rent to 24μA. This enables the 540kHz operation and the
4.5V to 20V input operation for down converting to 3.3V
output. The frequency will scale from 540kHz to 1.1MHz
over this input range. This provides for an effective output
current of 8A over the input range.
APPLICATIONS INFORMATION
VOUT
VFB
MARG0
MARG1
VOUT_LCL
NC3
NC1
NC2
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601A-1
R1
392k
1%
RfSET
100k
RSET
8.25k
C3
100μF
6.3V
SANYO POSCAP
4601A F16
VOUT
5V
8A
TRACK/SS CONTROL
REVIEW TEMPERATURE
DERATING CURVE
C6 100pF
REFER TO
TABLE 2
C2
10μF
25V
IMPROVE
EFFICIENCY
FOR 12V INPUT
C1
10μF
25V
R4
100k
R2
100k
VIN
VOUT
fSET
PGND
MARGIN CONTROL
SGND
5% MARGIN
VIN
10V TO 20V
CMSSH-3C
SOT-323
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com