Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603V Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4603V
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603V Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4603V Datasheet HTML 7Page - Linear Technology LTM4603V Datasheet HTML 8Page - Linear Technology LTM4603V Datasheet HTML 9Page - Linear Technology LTM4603V Datasheet HTML 10Page - Linear Technology LTM4603V Datasheet HTML 11Page - Linear Technology LTM4603V Datasheet HTML 12Page - Linear Technology LTM4603V Datasheet HTML 13Page - Linear Technology LTM4603V Datasheet HTML 14Page - Linear Technology LTM4603V Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4603/LTM4603-1
11
4603f
APPLICATIO S I FOR ATIO
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
In Figure 18, the 10µF ceramic capacitors are together
used as a high frequency input decoupling capacitor. In a
typical 6A output application, two very low ESR, X5R or
X7R, 10µF ceramic capacitors are recommended. These
decoupling capacitors should be placed directly adjacent
to the module input pins in the PCB layout to minimize
the trace inductance and high frequency AC noise. Each
10µF ceramic is typically good for 2A to 3A of RMS ripple
current. Refer to your ceramics capacitor catalog for the
RMS current ratings.
Multiphase operation with multiple LTM4603 devices in
parallel will lower the effective input RMS ripple current due
to the interleaving operation of the regulators. Application
Note 77 provides a detailed explanation. Refer to Figure 2
for the input capacitor ripple current requirement as a func-
tion of the number of phases. The figure provides a ratio
of RMS ripple current to DC load current as a function of
duty cycle and the number of paralleled phases. Pick the
corresponding duty cycle and the number of phases to
arrive at the correct ripple current value. For example, the
2-phase parallel LTM4603 design provides 10A at 2.5V
output from a 12V input. The duty cycle is DC = 2.5V/12V
= 0.21. The 2-phase curve has a ratio of ~0.25 for a duty
cycle of 0.21. This 0.25 ratio of RMS ripple current to a
DC load current of 10A equals ~2.5A of input RMS ripple
current for the external input capacitors.
Output Capacitors
The LTM4603 is designed for low output voltage ripple.
The bulk output capacitors defined as COUT are chosen
with low enough effective series resistance (ESR) to meet
the output voltage ripple and transient requirements. COUT
can be a low ESR tantalum capacitor, a low ESR polymer
capacitor or a ceramic capacitor. The typical capacitance is
200µF if all ceramic output capacitors are used. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spike is required. Table 2 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 2.5A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to maximize transient performance.
Multiphase operation with multiple LTM4603 devices in
parallel will lower the effective output ripple current due
to the interleaving operation of the regulators. For ex-
ample, each LTM4603’s inductor current of a 12V to 2.5V
multiphase design can be read from the “Inductor Ripple
versus Duty Cycle” (Figure 3). The large ripple current at
low duty cycle and high output voltage can be reduced
by adding an external resistor from fSET to ground which
increases the frequency. If we choose the duty cycle of
DC = 2.5V/12V = 0.21, the inductor ripple current for 2.5V
output at 21% duty cycle is ~2.5A in Figure 3.
Figure 2. Normalized Input RMS Ripple Current
vs Duty Factor for One to Six Modules (Phases)
DUTY FACTOR (VOUT/VIN)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.6
0.5
0.4
0.3
0.2
0.1
0
4603 F02
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
DUTY CYCLE (VOUT/VIN)
0
0
1
2
3
4
5
20
40
60
80
4603 F03
2.5V OUTPUT
5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT
3.3V OUTPUT WITH
82.5k ADDED FROM
VOUT TO fSET
5V OUTPUT WITH
150k ADDED FROM
fSET TO GND
Figure 3. Inductor Ripple Current vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com