Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4605 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4605
Description  High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4605 Datasheet HTML 16Page - Linear Technology LTM4605 Datasheet HTML 17Page - Linear Technology LTM4605 Datasheet HTML 18Page - Linear Technology LTM4605 Datasheet HTML 19Page - Linear Technology LTM4605 Datasheet HTML 20Page - Linear Technology LTM4605 Datasheet HTML 21Page - Linear Technology LTM4605 Datasheet HTML 22Page - Linear Technology LTM4605 Datasheet HTML 23Page - Linear Technology LTM4605 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4605
21
4605fa
TYPICAL APPLICATIONS
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4605
L1
3.3μH
RFB
7.15k
22μF
25V
x2
330μF
25V
4605 TA03
VOUT
12V
5A
CLOCK SYNC
VIN
PGND
VIN
4.5V TO 12V
C3
0.1μF
4.7μF
35V
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7mΩ
2Ω
SENSE+
2200pF
OPTIONAL
FOR LOW
SWITCHING NOISE
R3
1k
R1
1.5k
Figure 15. Boost Mode Operation with 4.5V to 12V Input
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4605
L1
3.3μH
RFB
7.15k
22μF
25V
x2
330μF
25V
4605 TA04
VOUT
12V
5A
CLOCK SYNC
VIN
PGND
VIN
4.5V TO 20V
C3
0.1μF
10μF
35V
x2
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7mΩ
SENSE+
R3
1k
R1
1.5k
Figure 16. Wide Input Mode with 4.5V to 20V Input, 12V at 5A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com