Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4606
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 16Page - Linear Technology LTM4606 Datasheet HTML 17Page - Linear Technology LTM4606 Datasheet HTML 18Page - Linear Technology LTM4606 Datasheet HTML 19Page - Linear Technology LTM4606 Datasheet HTML 20Page - Linear Technology LTM4606 Datasheet HTML 21Page - Linear Technology LTM4606 Datasheet HTML 22Page - Linear Technology LTM4606 Datasheet HTML 23Page - Linear Technology LTM4606 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4606
21
4606f
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VOUT
VFB
FCB
MARG0
MARG1
MPGM
VIN
3.3V
R2
100k
C7
0.15μF
C6
22pF
COUT1
100μF
6.3V
4606 TA06
COUT2
220μF
6.3V
3.3V AT 6A
C9
0.1μF
C5
100μF
35V
C2
10μF
35V
C8
10μF
35V
VIN
5V TO 28V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
LTM4606
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VIN
PLLIN
LTM4606
SGND
3.3V TRACK
PGND
MARGIN
CONTROL
5% MARGIN
R4
100k
RFB1
13.3k
RFB2
19.1k
R1
392k
R8
60.4k
R9
19.1k
R3
100k
R7
100k
3.3V
R5
118k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C1
22pF
COUT3
100μF
6.3V
COUT4
220μF
6.3V
2.5V AT 6A
MARGIN
CONTROL
R6
392k
+
+
VD
C3
10μF
VD
C4
10μF
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VOUT
VFB
FCB
MARG0
MARG1
MPGM
VIN
1.8V
R2
100k
C7
0.15μF
C6
100pF
COUT1
100μF
6.3V
4606 TA07
COUT2
220μF
6.3V
1.8V AT 6A
C9
0.1μF
C5
100μF
35V
C2
10μF
35V
C8
10μF
35V
4.5V TO 28V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VIN
PLLIN
SGND
1.8V TRACK
PGND
MARGIN
CONTROL
R4
100k
RFB1
30.1k
R1
392k
R8
60.4k
R9
40.2k
R3
100k
R7
100k
1.8V
R5
182k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C1
100pF
COUT3
22μF
6.3V
COUT4
220μF
6.3V
1.5V AT 6A
MARGIN
CONTROL
RFB2
40.2k
R6
392k
+
+
LTM4606
LTM4606
5% MARGIN
VD
C3
10μF
VD
C4
10μF
Figure 22. 2-Phase, 3.3V and 2.5V Outputs at 6A with Tracking and Margining
Figure 23. 2-Phase, 1.8V and 1.5V Outputs at 6A with Tracking and Margining
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com