Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606MPV-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4606MPV-PBF
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTM4606MPV-PBF Datasheet HTML 1Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 2Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 3Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 4Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 5Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 6Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 7Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 8Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4606
4
4606f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4606E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4606I is guaranteed to meet specifications over the
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFCB
Forced Continuous Threshold
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0V
–1
–2
μA
tON(MIN)
Minimum On Time
(Note 3)
50
100
ns
tOFF(MIN)
Minimum Off Time
(Note 3)
250
400
ns
RPLLIN
PLLIN Input Resistor
50
k
Ω
IDRVCC
Current into DRVCC Pin
VOUT = 1.5V, IOUT = 1A
15
25
mA
RFBHI
Resistor Between VOUT and VFB Pins
60.098
60.4
60.702
k
Ω
RUNMAX
Volts From RUN to GND Maximum
5.1V Zener Clamp
5
V
Margin Section
MPGM
Margin Reference Voltage Sets a
Current
1.18
V
MARG0, MARG1
Voltage Thresholds
1.4
V
PGOOD
ΔVFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
ΔVFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
ΔVFB(HYS)
PGOOD Hysteresis
VFB Returning
1.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. Per typical application
(front page) configuration, RFB = 40.2k.
–40°C to 125°C internal operating temperature range. The LTM4606MP
is guaranteed and tested over the –55°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: 100% tested at die level only.
Note 4: See output current derating curves for different VIN, VOUT and TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com