Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608A Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4608A
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4608A Datasheet HTML 9Page - Linear Technology LTM4608A Datasheet HTML 10Page - Linear Technology LTM4608A Datasheet HTML 11Page - Linear Technology LTM4608A Datasheet HTML 12Page - Linear Technology LTM4608A Datasheet HTML 13Page - Linear Technology LTM4608A Datasheet HTML 14Page - Linear Technology LTM4608A Datasheet HTML 15Page - Linear Technology LTM4608A Datasheet HTML 16Page - Linear Technology LTM4608A Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4608A
13
4608afa
APPLICATIONS INFORMATION
the LTM4608A to lock onto CLKIN’s phase as well. The
CLKOUT signal can be connected to the CLKIN pin of the
following LTM4608A stage to line up both the frequency
and the phase of the entire system. Tying the PHMODE
pin to SVIN, SGND or SVIN/2 (floating) generates a phase
difference (between CLKIN and CLKOUT) of 180°, 120°
or 90° respectively, which corresponds to a 2-phase, 3-
phase or 4-phase operation. A total of 12 phases can be
cascaded to run simultaneously with respect to each other
by programming the PHMODE pin of each LTM4608A to
different levels. For a 6-phase example in Figure 2, the
2nd stage that is 120° out of phase from the 1st stage
can generate a 240° (PHMODE = 0) CLKOUT signal for
the 3rd stage, which then can generate a CLKOUT signal
that’s 420°, or 60° (PHMODE = SVIN) for the 4th stage.
With the 60° CLKIN input, the next two stages can shift
120° (PHMODE = 0) for each to generate a 300° signal
for the 6th stage. Finally, the signal with a 60° phase shift
on the 6th stage (PHMODE is floating) goes back to the
1st stage. Figure 3 shows the configuration for 12-phase
operation.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by, the
number of phases used (assuming that the input voltage is
greater than the number of phases used times the output
voltage). The output ripple amplitude is also reduced by
the number of phases used.
The LTM4608A device is an inherently current mode con-
trolled device. Parallel modules will have very good current
sharing. This will balance the thermals on the design.
Tie the ITH pins of each LTM4608A together to share the
current evenly. To reduce ground potential noise, tie the
ITHM pins of all LTM4608As together and then connect to
Figure 2. 6-Phase Operation
Figure 3. 12-Phase Operation
4608A F02
0
+120
PHASE 1
CLKOUT
CLKIN
PHMODE
120
PHASE 3
CLKOUT
CLKIN
PHMODE
240
+180
+120
PHASE 5
CLKOUT
CLKIN
PHMODE
SVIN
(420)
60
PHASE 2
CLKOUT
CLKIN
PHMODE
+120
180
PHASE 4
CLKOUT
CLKIN
PHMODE
+120
300
PHASE 6
CLKOUT
CLKIN
PHMODE
0
+90
PHASE 1
4608A F03
CLKOUT
CLKIN
PHMODE
90
PHASE 4
CLKOUT
CLKIN
PHMODE
240
+90
PHASE 9
CLKOUT
CLKIN
PHMODE
330
PHASE 12
CLKOUT
CLKIN
PHMODE
180
+90
+90
PHASE 7
CLKOUT
CLKIN
PHMODE
270
PHASE 10
CLKOUT
CLKIN
PHMODE
+120
+90
(390)
30
PHASE 2
CLKOUT
CLKIN
PHMODE
120
+90
PHASE 5
CLKOUT
CLKIN
PHMODE
210
PHASE 8
CLKOUT
CLKIN
PHMODE
300
+120
+90
PHASE 11
CLKOUT
CLKIN
PHMODE
(420)
60
PHASE 3
CLKOUT
CLKIN
PHMODE
+90
+90
150
PHASE 6
CLKOUT
CLKIN
PHMODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com