Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607V Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4607V
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607V Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4607V Datasheet HTML 16Page - Linear Technology LTM4607V Datasheet HTML 17Page - Linear Technology LTM4607V Datasheet HTML 18Page - Linear Technology LTM4607V Datasheet HTML 19Page - Linear Technology LTM4607V Datasheet HTML 20Page - Linear Technology LTM4607V Datasheet HTML 21Page - Linear Technology LTM4607V Datasheet HTML 22Page - Linear Technology LTM4607V Datasheet HTML 23Page - Linear Technology LTM4607V Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4607
21
4607f
TYPICAL APPLICATIONS
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4607
L1
3.3μH
RFB
7.15k
22μF
25V
×2
330μF
25V
4607 TA03
VOUT
12V
5A
CLOCK SYNC
VIN
PGND
VIN
5V TO 12V
C3
0.1μF
4.7μF
35V
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7mΩ
SENSE+
2Ω
2200pF
OPTIONAL
FOR LOW
SWITCHING NOISE
R1
1.5k
R3
1k
Figure 17. Boost Mode Operation with 5V to 12V Input with Low Switching Noise (Optional)
VOUT
PGOOD
FCB
RUN
SW1
SW2
EXTVCC
STBYMD
SS
VFB
SGND
PLLIN
LTM4607
RFB
7.15k
22μF
25V
×4
330μF
25V
4607 TA04
VOUT
12V
5A
CLOCK SYNC
VIN
PGND
VIN
5V TO 36V
C3
0.1μF
10μF
50V
×2
+
ON/OFF
COMP
INTVCC
RSENSE
SENSE–
PLLFLTR
R2
7mΩ
SENSE+
L1
3.3μH
2Ω
2200pF
R1
1.5k
R3
1k
L1: TOKO FDA1254
Figure 18. Wide Input Mode with 5V to 36V Input, 12V at 5A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com