Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4616 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4616 Datasheet HTML 9Page - Linear Technology LTM4616 Datasheet HTML 10Page - Linear Technology LTM4616 Datasheet HTML 11Page - Linear Technology LTM4616 Datasheet HTML 12Page - Linear Technology LTM4616 Datasheet HTML 13Page - Linear Technology LTM4616 Datasheet HTML 14Page - Linear Technology LTM4616 Datasheet HTML 15Page - Linear Technology LTM4616 Datasheet HTML 16Page - Linear Technology LTM4616 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4616
13
4616fa
APPLICATIONS INFORMATION
Figure 2. 6-Phase Operation
Figure 3. 12-Phase Operation
4616 F02
0
+120
PHASE 1
CLKOUT
CLKIN
PHMODE
120
PHASE 3
CLKOUT
CLKIN
PHMODE
240
+180
+120
PHASE 5
CLKOUT
CLKIN
PHMODE
SVIN
(420)
60
PHASE 2
CLKOUT
CLKIN
PHMODE
+120
180
PHASE 4
CLKOUT
CLKIN
PHMODE
+120
300
PHASE 6
CLKOUT
CLKIN
PHMODE
0
+90
PHASE 1
4616 F03
CLKOUT
CLKIN
PHMODE
90
PHASE 4
CLKOUT
CLKIN
PHMODE
240
+90
PHASE 9
CLKOUT
CLKIN
PHMODE
330
PHASE 12
CLKOUT
CLKIN
PHMODE
180
+90
+90
PHASE 7
CLKOUT
CLKIN
PHMODE
270
PHASE 10
CLKOUT
CLKIN
PHMODE
+120
+90
(390)
30
PHASE 2
CLKOUT
CLKIN
PHMODE
120
+90
PHASE 5
CLKOUT
CLKIN
PHMODE
210
PHASE 8
CLKOUT
CLKIN
PHMODE
300
+120
+90
PHASE 11
CLKOUT
CLKIN
PHMODE
(420)
60
PHASE 3
CLKOUT
CLKIN
PHMODE
+90
+90
150
PHASE 6
CLKOUT
CLKIN
PHMODE
current sharing. This will balance the thermals on the
design. Tie the ITH pins of each LTM4616 together to share
the current evenly. To reduce ground potential noise, tie
the ITHM pins of all LTM4616s together and then connect
to the SGND of the master at the point it connects to the
output capacitor GND. See layout guideline in Figure 17.
Figure 19 shows a schematic of the parallel design. The
FB pins of the parallel module are tied together.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reduction as a function of the number of interleaved phases.
Figure 4 shows this graph.
Spread Spectrum Operation
Switching regulators can be particularly troublesome where
electromagnetic interference (EMI) is concerned.
Switching regulators operate on a cycle-by-cycle basis to
transfer power to an output. In most cases, the frequency
of operation is fixed based on the output load. This method
of conversion creates large components of noise at the
frequency of operation (fundamental) and multiples of the
operating frequency (harmonics).
To reduce this noise, the LTM4616 can run in spread
spectrum operation by tying the CLKIN pin to SVIN.
In spread spectrum operation, the LTM4616’s internal
oscillator is designed to produce a clock pulse whose
period is random on a cycle-by-cycle basis but fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com