Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1878 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1878
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1878 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1878 Datasheet HTML 8Page - Linear Technology LTC1878 Datasheet HTML 9Page - Linear Technology LTC1878 Datasheet HTML 10Page - Linear Technology LTC1878 Datasheet HTML 11Page - Linear Technology LTC1878 Datasheet HTML 12Page - Linear Technology LTC1878 Datasheet HTML 13Page - Linear Technology LTC1878 Datasheet HTML 14Page - Linear Technology LTC1878 Datasheet HTML 15Page - Linear Technology LTC1878 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1878
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor charging to 3.3V would require a
250
µs rise time, limiting the charging current to about
130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1878. These items are also illustrated graphically in
the layout diagram of Figure 7. Check the following in your
layout:
1. Are the signal and power grounds segregated? The
LTC1878 signal ground consists of the resistive
divider, the optional compensation network (RC and
CC1) and CC2. The power ground consists of the (–)
plate of CIN, the (–) plate of COUT and Pin 4 of the
LTC1878. The power ground traces should be kept
short, direct and wide. The signal ground and power
ground should converge to a common node in a star-
ground configuration.
2. Does the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of COUT and signal ground.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the switching node SW away from sensitive small
signal nodes.
Design Example
As a design example, assume the LTC1878 is used in a
single lithium-ion battery-powered cellular phone applica-
tion. The input voltage will be operating from a maximum
of 4.2V down to about 2.7V. The load current requirement
is a maximum of 0.3A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
and high load currents is important. Output voltage is
2.5V. With this information we can calculate L using
equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= () ∆()
−


1
1
(3)
Substituting VOUT = 2.5V, VIN = 4.2V, ∆IL=120mA and
f = 550kHz in equation (3) gives:
L
V
kHz
mA
V
V
H
=−


=µ
25
550
120
1
25
42
15 3
.
()
.
.
.
A 15
µH inductor works well for this application. For best
efficiency choose a 1A inductor with less than 0.25
Ω
series resistance.
CIN will require an RMS current rating of at least 0.15A at
temperature and COUT will require an ESR of less than
0.25
Ω. In most applications, the requirements for these
capacitors are fairly similar.
For the feedback resistors, choose R1 = 412k. R2 can
then be calculated from equation (2) to be:
R
V
R
k use
OUT
2
08
1
1 875 5
8
=−


=
.
.
;
87k
Figure 8 shows the complete circuit along with its effi-
ciency curve.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com