Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1921
Description  Dual -48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 4 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1921
4
1921f
Undervoltage Response Time
Overvoltage Response Time
Fuse Window Positive Threshold
vs Temperature
Fuse Window Negative Threshold
vs Temperature
Output RDS(ON) vs Temperature
TEMPERATURE (
°C)
1921 G07
2.7
2.5
2.3
2.1
1.9
1.7
1.5
–50
–30
–10
10
30
50
70
90
TEMPERATURE (
°C)
1921 G08
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
–3.2
–50
–30
–10
10
30
50
70
90
SUPPLY STEP FROM UNDERVOLTAGE
RECOVERY THRESHOLD (V)
4.6
10000
4.8
1921 G10
4.5
5.2
4.7
4.9
5.0
5.1
100
1000
TA = 25°C
SUPPLY STEP FROM OVERVOLTAGE
RECOVERY THRESHOLD (V)
1.5
10000
1.9
1921 G11
1.3
2.5
1.7
2.1
2.3
100
1000
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
20
25
30
10
50
1921 G09
15
10
–30
–10
30
70
90
5
0
OUT A (OUT F = 0V)
OUT F, OUT B (OUT A = 0V)
VA = –35V
VB = –35V
I = –10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com