Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA650 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHA650
Description  GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA650 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHA650 Datasheet HTML 1Page - Vishay Siliconix TSHA650 Datasheet HTML 2Page - Vishay Siliconix TSHA650 Datasheet HTML 3Page - Vishay Siliconix TSHA650 Datasheet HTML 4Page - Vishay Siliconix TSHA650 Datasheet HTML 5Page - Vishay Siliconix TSHA650 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSHA650.
Vishay Telefunken
2 (6)
Rev. 3, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81022
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.5
1.8
V
Temp. Coefficient of VF
IF = 100mA
TKVF
–1.6
mV/K
Reverse Current
VR = 5 V
IR
100
mA
Junction Capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
20
pF
Temp. Coefficient of
fe
IF = 20 mA
TKfe
–0.7
%/K
Angle of Half Intensity
ϕ
±24
deg
Peak Wavelength
IF = 100 mA
lp
875
nm
Spectral Bandwidth
IF = 100 mA
Dl
80
nm
Temp. Coefficient of
lp
IF = 100 mA
TKlp
0.2
nm/K
Rise Time
IF = 100 mA
tr
600
ns
IF = 1.5 A
tr
300
ns
Fall Time
IF = 100 mA
tf
600
ns
IF = 1.5 A
tf
300
ns
Type Dedicated Characteristics
Tamb = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=1.5A, tp=100ms
TSHA6500/6501
VF
3.2
4.9
V
g
F
m
TSHA6502/6503
VF
3.2
4.5
V
IF=100mA,
TSHA6500
Ie
12
20
mW/sr
F
tp=20ms
TSHA6501
Ie
16
25
mW/sr
TSHA6502
Ie
20
30
mW/sr
Radiant Intensity
TSHA6503
Ie
24
35
mW/sr
Radiant Intensity
IF=1.5A, tp=100ms
TSHA6500
Ie
150
240
mW/sr
F
m
TSHA6501
Ie
200
300
mW/sr
TSHA6502
Ie
250
360
mW/sr
TSHA6503
Ie
300
420
mW/sr
Radiant Power
IF=100mA,
TSHA6500
fe
22
mW
F
tp=20ms
TSHA6501
fe
23
mW
TSHA6502
fe
24
mW
TSHA6503
fe
25
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com