Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA6202 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSHA6202
Description  GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6202 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSHA6202 Datasheet HTML 1Page - Vishay Siliconix TSHA6202 Datasheet HTML 2Page - Vishay Siliconix TSHA6202 Datasheet HTML 3Page - Vishay Siliconix TSHA6202 Datasheet HTML 4Page - Vishay Siliconix TSHA6202 Datasheet HTML 5Page - Vishay Siliconix TSHA6202 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSHA620.
Vishay Telefunken
5 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81021
Dimensions in mm
96 12125



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com