Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1980 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 2 Page - Linear Technology

  LTC1980_1 Datasheet HTML 1Page - Linear Technology LTC1980_1 Datasheet HTML 2Page - Linear Technology LTC1980_1 Datasheet HTML 3Page - Linear Technology LTC1980_1 Datasheet HTML 4Page - Linear Technology LTC1980_1 Datasheet HTML 5Page - Linear Technology LTC1980_1 Datasheet HTML 6Page - Linear Technology LTC1980_1 Datasheet HTML 7Page - Linear Technology LTC1980_1 Datasheet HTML 8Page - Linear Technology LTC1980_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1980
2
1980f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
VREG to GND ............................................. –0.5V to 12V
VBAT to GND ............................................. –0.5V to 12V
PROG, ISENSE .............................................. –0.5V to 5V
PROGT, REGFB, VC, BATT1, BATT2
TIMER, SS ............................................ –0.5V to VBIAS2
LDOFB, LDODRV .................................... –0.5V to VREG
WA, VBIAS1, REG ....................................... –0.5V to 12V
MODE ................................................... –0.5V to VBIAS1
VBIAS2 ......................................................... –0.5V to 5V
OVP ............................................................ –0.5V to 5V
PGND to GND .................................... Connect Together
Operating Ambient Temperature Range
(Note 2) ................................................. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
Lead Temperature (Soldering, 10 sec)................ 300°C
(Note 1)
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SS
OVP
CAOUT
ISENSE
GND
VBIAS2
VBAT
TIMER
MODE
REG
BGTDR
VBIAS1
PROG
PROGT
REGFB
VC
LDOFB
LDODRV
VREG
WA
BATT1
BATT2
RGTDR
PGND
LTC1980EGN
TJMAX = 125°C, θJA = 85°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT
Positive Supply Voltage, VBAT
2.85
10
V
VREG
Positive Supply Voltage, VREG
2.85
10
V
VFB
Feedback Voltage
REGFB Tied to VC
●
1.194
1.225
1.256
V
VPROGT
Voltage on PROGT Pin
PROGT Tied to VC
1.194
1.225
1.256
V
IBURST
Burst Mode Operation
Regulator Mode, REGFB = 1.5V
0.75
mA
Supply Current, Quiescent, VREG
IHIGH
Supply Current, Quiescent, VREG
Regulator Mode, REGFB = 0V
●
2
4.3
mA
ISHDN
Supply Current in Shutdown Mode, VREG
Mode = 0V
15
µA
VUVL
Positive-Going Undervoltage Lockout Voltage
From Either VBAT or VREG
2.45
2.7
2.85
V
VUVHYS
Undervoltage Lockout Hysteresis
From Either VBAT or VREG
100
mV
ISS
Soft-Start Ramp Current
BATT1 = 0, BATT2 = 0, Charger Mode
10
µA
VFLOAT0
Output Float Voltage in Constant Voltage Mode
BATT1 = 0, BATT2 = 0
●
4.059
4.1
4.141
V
VFLOAT1
Output Float Voltage in Constant Voltage Mode
BATT1 = 1, BATT2 = 0
●
4.158
4.2
4.242
V
VFLOAT2
Output Float Voltage in Constant Voltage Mode
BATT1 = 0, BATT2 = 1 (Note 3)
●
8.118
8.2
8.282
V
VFLOAT3
Output Float Voltage in Constant Voltage Mode
BATT1 = 1, BATT2 = 1 (Note 3)
●
8.316
8.4
8.484
V
VFLOAT4
Output Float Voltage in Constant Voltage Mode
BATT1 = Open, BATT2 = Don’t Care
●
1.207
1.225
1.243
V
Measured from OVP Input
VRCHG0
Recharge Threshold, Delta Voltage with Respect
BATT2 = 0, BATT1 = 0 or 1
200
mV
to Float Voltage
VRCHG1
Recharge Threshold, Delta Voltage with Respect
BATT2 = 1, BATT1 = 0 or 1
400
mV
to Float Voltage
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 2.4V, VREG = 5V, VBAT unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com