Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1980 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1980
Description  Combination Battery Charger and DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1980 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1980 Datasheet HTML 8Page - Linear Technology LTC1980 Datasheet HTML 9Page - Linear Technology LTC1980 Datasheet HTML 10Page - Linear Technology LTC1980 Datasheet HTML 11Page - Linear Technology LTC1980 Datasheet HTML 12Page - Linear Technology LTC1980 Datasheet HTML 13Page - Linear Technology LTC1980 Datasheet HTML 14Page - Linear Technology LTC1980 Datasheet HTML 15Page - Linear Technology LTC1980 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1980
13
1980f
the transformer which can reduce the leakage inductance,
reduce the need for aggressive snubber design and for this
reason improve efficiency.
Avoid transformer saturation under all operating condi-
tions and combinations (usually the biggest problems
occur at high output currents and extreme duty cycles.
Also
check these conditions for battery charging and
regulation modes.
Finally, in low voltage applications, select a transformer
with low winding resistance. This will improve efficiency at
heavier loads.
Capacitors
Check the RMS current rating on your capacitors on both
sides of your circuit. Low ESR and ESL is recommended
for lowest ripple. OS-CON capacitors (from Sanyo) work
very well in this application.
Diodes
In low voltage applications, Schottky diodes should be
placed in parallel with the drain and source of the MOSFETs
in the PWM supply. This prevents body diode turn on and
improves efficiency by eliminating loss from reverse re-
covery in these diodes. It also reduces conduction loss
during the RGTDR/BGTDR break interval.
The LTC1980 can operate to voltages as low as 2.8V.
Suitable Schottky diodes include the ZHCS1000 (VF =
420mV at IF = 1A) and SL22/23 (VF = 440mV at IF = 2A) for
most 500mA to 1A output current applications.
Vendor List
VENDOR
COMPONENTS
TELEPHONE
BH Electronics
Transformers
952-894-9590
Coiltronics/Cooper Electronic
Transformers
561-752-5000
Fairchild Semiconductor
MOSFETs
Schottky Rectifiers
800-341-0392
Vishay (General Semiconductor) MOSFETs
Schottky Rectifiers
631-847-3000
Sanyo
OS-CON Capacitors
408-749-9714
Sumida Electric USA
Transformers
847-956-0666
Vishay (Siliconix)
MOSFETs
408-988-8000
Current Sense Resistor
Voltage drop in the current sense resistor should be
limited to approximately ±100mV with respect to ground
at max load currents in all modes. This value strikes a
reasonable balance between providing an adequate low
current signal, while keeping the losses from this resistor
low. For applications where the inputs and output voltages
may be low, a somewhat lower drop can be used (in order
to reduce conduction losses slightly).
The LTC1980 has several features, such as leading-edge
blanking, which make application of this part easier to use.
However for best charge current accuracy, the current
sense resistor should be Kelvin sensed.
MOSFETs
The LTC1980 uses low side MOSFET switches. There are
two very important advantages. First, N-channel MOSFETs
are used—this generally means that efficiency will be
higher than a comparable on-resistance P-channel device
(because less gate charge is required). Second, low VT
(‘logic-level’) MOSFETs with relatively low absolute maxi-
mum VGS ratings can be used, even in higher voltage
applications. Refer to Application Note 19 for information
on determining MOSFET voltage and current ratings.
Transformer
Turns ratio affects the duty factor of the power converter
which impacts current and voltage stress on the power
MOSFETs, input and output capacitor RMS currents and
transformer utilization (size vs power). Using a 50% duty
factor under nominal operating conditions usually gives
reasonable results. For a 50% duty factor, the turns ratio
is:
N = VREG/VBAT
N should be calculated for the design operating as a DC/DC
converter and as a battery charger. The final turns ratio
should be chosen so that it is approximately equal to the
average of the two calculated values for N. In addition
choose a turns ratio which can be made from the ratio of
small integers. This allows bifilar windings to be used in
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com