Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1992 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1992 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC1992 Datasheet HTML 32Page - Linear Technology LTC1992 Datasheet HTML 33Page - Linear Technology LTC1992 Datasheet HTML 34Page - Linear Technology LTC1992 Datasheet HTML 35Page - Linear Technology LTC1992 Datasheet HTML 36Page - Linear Technology LTC1992 Datasheet HTML 37Page - Linear Technology LTC1992 Datasheet HTML 38Page - Linear Technology LTC1992 Datasheet HTML 39Page - Linear Technology LTC1992 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
LTC1992 Family
39
1992f
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
MSOP (MS8) 0603
0.53 ± 0.152
(.021 ± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.127 ± 0.076
(.005 ± .003)
0.86
(.034)
REF
0.65
(.0256)
BSC
0° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90 ± 0.152
(.193 ± .006)
8
7 6 5
3.00 ± 0.102
(.118 ± .004)
(NOTE 3)
3.00 ± 0.102
(.118 ± .004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889 ± 0.127
(.035 ± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42 ± 0.038
(.0165 ± .0015)
TYP
0.65
(.0256)
BSC
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Single-Ended to Differential Conversion Driving an ADC
2.2µF
10µF
10µF
10Ω
47µF
4
6
REFCOMP
4.375V
CONTROL
LOGIC
AND
TIMING
B15 TO B0
16-BIT
SAMPLING
ADC
–
+
10µF
5V OR
3V
µP
CONTROL
LINES
D15 TO D0
OUTPUT
BUFFERS
16-BIT
PARALLEL
BUS
11 TO 26
1992 TA06a
OGND
OVDD
28
29
1
2
AIN
+
AIN
–
SHDN
CS
CONVST
RD
BUSY
33
32
31
30
27
LTC1603
3
36
35
10
9
5V
5V
AVDD
AVDD
7.5k
DVDD
DGND
VREF
8
AGND
AGND
7
AGND
5
AGND
34
–5V
VSS
10µF
2.5V
REF
10µF
1.75X
+
+
+
+
+
–
–
+
+
5V
–5V
LTC1992-1
3
6
VOCM
VMID
VIN
100pF
4
5
2
7
8
1
100Ω
100Ω
0.1µF
0.1µF
SNR =85.3dB
THD = –72.1dB
SINAD = –72dB
fIN = 10.0099kHz
fSAMPLE = 333kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY (kHz)
0
80
70
1992 TA06b
20
10
40
30
60
50
100
90
FFT of the Output Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com