Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1863LIGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1863LIGN
Description  Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1863LIGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1863LIGN Datasheet HTML 3Page - Linear Technology LTC1863LIGN Datasheet HTML 4Page - Linear Technology LTC1863LIGN Datasheet HTML 5Page - Linear Technology LTC1863LIGN Datasheet HTML 6Page - Linear Technology LTC1863LIGN Datasheet HTML 7Page - Linear Technology LTC1863LIGN Datasheet HTML 8Page - Linear Technology LTC1863LIGN Datasheet HTML 9Page - Linear Technology LTC1863LIGN Datasheet HTML 10Page - Linear Technology LTC1863LIGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC1863L/LTC1867L
7
1863L7Lf
PI FU CTIO S
CHO-CH7/COM (Pins 1-8): Analog Input Pins. Analog
inputs must be free of noise with respect to GND. CH7/
COM can be either a separate channel or the common
minus input for the other channels. Unused channels
should be tied to ground.
REFCOMP (Pin 9): Reference Buffer Output Pin. Bypass to
GND with 10µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor (2.5V Nominal). To overdrive REFCOMP,
tie VREF to GND.
VREF (Pin 10): 1.25V Reference Output. This pin can also
be used as an external reference buffer input for improved
accuracy and drift. Bypass to GND with 2.2µF tantalum
capacitor in parallel with 0.1µF ceramic capacitor.
CS/CONV (Pin 11): This input provides the dual function
of initiating conversions on the ADC and also frames the
serial data transfer.
SCK (Pin 12): Shift Clock. This clock synchronizes the
serial data transfer.
SDO (Pin 13): Digital Data Output. The A/D conversion
result is shifted out of this output. Straight binary format
for unipolar mode and two’s complement format for
bipolar mode.
SDI (Pin 14): Digital Data Input Pin. The A/D configuration
word is shifted into this input.
GND (Pin 15): Analog and Digital GND.
VDD (Pin 16): Analog and Digital Power Supply. Bypass to
GND with 10µF tantalum capacitor in parallel with 0.1µF
ceramic capacitor.
TEST CIRCUITS
TYPICAL CO
ECTIO
DIAGRA
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7/COM
VDD
GND
SDI
SDO
SCK
CS/CONV
VREF
REFCOMP
LTC1863L/
LTC1867L
–
+
+
DIGITAL
I/O
2.7V TO 3.6V
10µF
2.5V
10µF
2.2µF
1.25V
±1.25V
DIFFERENTIAL
INPUTS
2.5V
SINGLE-ENDED
INPUT
1863L7L TCD
3k
(A) Hi-Z TO VOH AND VOL TO VOH
CL
3k
2.7V
SDO
SDO
(B) Hi-Z TO VOL AND VOH TO VOL
CL
1863L7L TC01
3k
(A) VOH TO Hi-Z
CL
3k
2.7V
SDO
SDO
(B) VOL TO Hi-Z
CL
1863L7L TC02
Load Circuits for Access Timing
Load Circuits for Output Float Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com