Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC Datasheet(PDF) 2 Page - celduc-relais

Part # SGC
Description  DC SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGC Datasheet(HTML) 2 Page - celduc-relais

  SGC Datasheet HTML 1Page - celduc-relais SGC Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S/CON/SGCxxxxx/C/26/08/2002
page 2 / 2 F/GB
Caractéristiques de sortie (à 20
°C) / Output characteristics (at 20
°C)
Modèles / References
SGC12006
SGC22006
SGC20420
Tension nominale / Nominal voltage
---
VDC
Plage tension de fonctionnement / Operating range
2 à/to 60
2 à/to 60
2 à/to 200
VDC
Tension crête / Peak voltage
60
60
200
VPEAK
Courant nominal (voir les caractéristiques thermiques)
/ Nominal current (see thermal curves)
20
20
20
A
Courant de surcharge accidentel admissible maximum (1s)
/ Maximum accidental overload current (1s)
30
30
30
APEAK
Chute tension directe (In) / On state voltage drop (In)
222
VDC
Courant de fuite état bloqué
/ Off state leakage current
111
mA
Courant de charge minimum / Minimum load current
555
mA
Temps de fermeture / Turn on time
200
200
200
µs
Temps d'ouverture / Turn off time
800
800
800
µs
Fréquence d'utilisation / Operating frequency
0 à/to 500
0 à/to 500
0 à/to 500
Hz
dv/dt état bloqué / Off state dv/dt
200
200
200
V/
µs
Homologation / Approval
Nous consulter
Consult us
Température ambiante (°C) / Ambient temperature (°C)
0
10
20304050
60
708090
2
4
6
0
8
10
12
14
16
2°C/W
2°C/W
100 110
18
20
22
1°C/W
1°C/W
Caractéristiques thermiques
/ thermal curves :
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
r
e
l
a
i
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com