Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2050CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2050CS8
Description  Zero-Drift Operational Amplifi ers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC2050CS8 Datasheet HTML 1Page - Linear Technology LTC2050CS8 Datasheet HTML 2Page - Linear Technology LTC2050CS8 Datasheet HTML 3Page - Linear Technology LTC2050CS8 Datasheet HTML 4Page - Linear Technology LTC2050CS8 Datasheet HTML 5Page - Linear Technology LTC2050CS8 Datasheet HTML 6Page - Linear Technology LTC2050CS8 Datasheet HTML 7Page - Linear Technology LTC2050CS8 Datasheet HTML 8Page - Linear Technology LTC2050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2050/LTC2050HV
2
2050fb
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 125°C, θJA = 250°C/W
OUT 1
V– 2
+IN 3
6 V+
5 SHDN
4 –IN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 230°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
SHDN
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 190°C/W
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)
LTC2050..................................................................7V
LTC2050HV ...........................................................12V
Input Voltage ......................... (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration ......................... Indefinite
(Note 1)
Operating Temperature Range................ –40°C to 125°C
Specified Temperature Range
(Note 3) ............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC2050CS5#PBF
LTC2050CS5#TRPBF
LTAEG
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2050IS5#PBF
LTC2050IS5#TRPBF
LTAEG
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HS5#PBF
LTC2050HS5#TRPBF
LTAEG
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050HVCS5#PBF
LTC2050HVCS5#TRPBF
LTAEH
5-Lead Plastic TSOT-23
0°C to 70°C
LTC2050HVIS5#PBF
LTC2050HVIS5#TRPBF
LTAEH
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HVHS5#PBF
LTC2050HVHS5#TRPBF
LTAEH
5-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050CS6#PBF
LTC2050CS6#TRPBF
LTAEJ
6-Lead Plastic TSOT-23
0°C to 70°C
LTC2050IS6#PBF
LTC2050IS6#TRPBF
LTAEJ
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HS6#PBF
LTC2050HS6#TRPBF
LTAEJ
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050HVCS6#PBF
LTC2050HVCS6#TRPBF
LTAEK
6-Lead Plastic TSOT-23
0°C to 70°C
LTC2050HVIS6#PBF
LTC2050HVIS6#TRPBF
LTAEK
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC2050HVHS6#PBF
LTC2050HVHS6#TRPBF
LTAEK
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC2050CS8#PBF
LTC2050CS8#TRPBF
2050
8-Lead Plastic SO
0°C to 70°C
LTC2050IS8#PBF
LTC2050IS8#TRPBF
2050I
8-Lead Plastic SO
–40°C to 85°C
LTC2050HVCS8#PBF
LTC2050HVCS8#TRPBF
2050HV
8-Lead Plastic SO
0°C to 70°C
LTC2050HVIS8#PBF
LTC2050HVIS8#TRPBF
050HVI
8-Lead Plastic SO
–40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com