Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-7XDN Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-7XDN
Description  SMD CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-7XDN Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-7XDN Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSM-7XDN
SMD CRYSTAL
The CSM-7XDN is the industrial temperature range version
of our standard CSM-7X crystal.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-7XDN
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
@ +25°C ±3°C
at +25°C
-40 to +85°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (Per Year)
Frequency Tolerance
Frequency Stability
Shunt Capacitance
Load Capacitance (CL)
Drive Level
3.57
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
3.57 ~ 4.999
5.000 ~ 5.999
6.000 ~ 6.999
7.000 ~ 8.999
9.000 ~ 12.999
13.000 ~ 19.999
20.000 ~ 30.000
26.000 ~ 39.999
40.000 ~ 70.000
70.000
± 30
± 100
7
Series
500
-40
-55
+85
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
3rd Overtone
150
80
70
60
50
40
30
100
80
PACKAGE DIMENSIONS (mm)
Figure 1) Top, Side, Bottom and End views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-200-20-5PXDN-TR
-40 to +85°C Temp Range
Industry Std. Footprint
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance
- Package
Stability
Temperature
- Packaging
5PX = CSM-7X
D= ± 100 ppm
N= -40 ~ +85°C
TR= Tape
& Reel
1K/Reel
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - CSM-7XDN

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7X ECS-CSM-7X Datasheet
148Kb / 1P
SMD Quartz Crystal
CSM-7X ECS-CSM-7X Datasheet
596Kb / 2P
The CSM-7X is an excellent choice for a low cost SMD Crystal.
CSM-7X ECS-CSM-7X Datasheet
411Kb / 2P
SMD CRYSTAL
Rev.2020
CSM-7X-3L ECS-CSM-7X-3L Datasheet
155Kb / 1P
SMD CRYSTAL
CSM-7X-3L ECS-CSM-7X-3L Datasheet
542Kb / 2P
The CSM-7X-3L is a low profile SMD Crystal with 3rd lead
More results

Similar Description - CSM-7XDN

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
SMD CRYSTAL
CSM-7X-3L ECS-CSM-7X-3L Datasheet
155Kb / 1P
SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
SMD CRYSTAL
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com