Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-8M Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-8M
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-8M Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-8M Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
7.0
± 0.5
#4
#1
#2
#1
#3
#4
#3
#2
1.2
±0.1
1.2
6.0
2.0
FEATURES
• Seam welded metal lid / ceramic
package
• 1.3mm max. low profile
• Tight stability / high reliability
• Wide frequency range
• Tape & Reel (1,000 pcs)
• PbFree/RoHS Compliant
CSM-8M SERIES
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
Figure 1) CSM-8M – Top and Side views
Figure 2) CSM-8M – Pad Cofiguration
Bottom view
Figure 3) CSM-8M – Recommended
Solder Pad Layout, Top view
The CSM-8M is a 1.3mm max. low profile
SMD quartz crystal. This seam welded metal
lid/ceramic package crystal is ideal for
PCMCIA etherent and fax modem card
applications.
PART NUMBERING GUIDE “EXAMPLE “
MANUFACTURER
FREQUENCY (16.000MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
160
20
20BM
* Load capacitance (xx=xx pF, S= series resonance)
Note: See Product Selection Guide for additional options.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
8.0
125.0
MHz
CALIBRATION TOLERANCE
@ +25˚C
-30
+30
PPM
FREQUENCY STABILITY, ref @ 25˚C
-10 ~ +70˚C
-50
+50
PPM
SHUNT CAPACITANCE
C0
5.0
pF
LOAD CAPACITANCE (CL)
(Customer Specified)
10.0
20.0 standard
Series
pF
DRIVE LEVEL (DL)
8.0 ~ 100.0MHz
0.5
mW
OPERATING TEMPERATURE
TOPR
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-40
+85
˚C
AGING (FIRST YEAR)
@ +25˚C
-5.0
+5.0
PPM
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ω
FREQUENCY RANGE (MHz)
MODE
MAX ESR Ω
8.000 ~ 15.999
Fundamental
60
28.000 ~ 100.000
3rd O/T
60
16.000 ~ 42.000
Fundamental
40
84.000 ~ 125.000
5th O/T
80
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 4) Frequency vs Temperature Curve


Similar Part No. - CSM-8M

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-8M ECS-CSM-8M Datasheet
549Kb / 2P
The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-8MR ECS-CSM-8MR Datasheet
118Kb / 1P
SMD QUARTZ CRYSTAL
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
More results

Similar Description - CSM-8M

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com