Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-12 Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-12
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-12 Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-12 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
11.5
11.8
1.5
R0.7
5.08
2.0
R0.25
Internal Connections
2.4
5.08
A
B
C
D
The CSM-12 is enclosed in a ceramic
package. It is an excellent choice for a
low profile crystal with a height of 2.5 mm.
FEATURES
• Cost effective
• Space saving design
• RoHS Compliant (Note 7 Exemption)
• Tape & Reel (1,000 pcs)
CSM-12
SMD QUARTZ CRYSTAL
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)
Figure 1) CSM-12 - Top, Side and Bottom views
Figure 2) CSM-12 Land Pattern - Bottom view
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
fo
3.57
30.00
MHz
MODE OF OSCILLATION
Fundamental
LOAD CAPACITANCE
CL
10.0
20.0 standard
Series
pF
DRIVE LEVEL
DL
100
µW
FREQUENCY TOLERANCE
@ +25˚C
-30
+30
PPM
EQUIVALENT SERIES RESISTANCE
R1
See ESR CHART
Ohms
FREQUENCY STABILITY
∆f/fo
-50
+50
PPM
OPERATING TEMP. RANGE
TOPR
-10
+70
˚C
STORAGE TEMP. RANGE
TSTG
-40
+85
˚C
SHUNT CAPACITANCE
Co
7.0
pF
AGING (FIRST YEAR @ +25˚C)
∆f/fo
-5.0
+5.0
PPM
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 3) Frequency vs Temperature Curve
EQUIVALENT SERIES RESISTANCE CURVE
FREQUENCY MHz
(
Ω MAX.)
3.57 ~ 3.999
200
4.00 ~ 5.999
150
6.00 ~ 9.999
100
10.00 ~ 13.999
80
14.00 ~ 30.00
50
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.0000MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
–
160
–
20
–
18
* Load capacitance (xx=xx pF, S= series resonance)
Note: See Product Selection Guide for additional options.


Similar Part No. - CSM-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSM-12 ETC1-CSM-12 Datasheet
57Kb / 1P
SMD QUARTZ CRYSTAL
logo
ECS, Inc.
CSM-12 ECS-CSM-12 Datasheet
604Kb / 2P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
CSM-12 ECS-CSM-12_14 Datasheet
162Kb / 2P
SMD QUARTZ CRYSTAL
CSM-12 ECS-CSM-12_17 Datasheet
604Kb / 2P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
More results

Similar Description - CSM-12

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com