Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-7 Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-7
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-7 Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-7 Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
11.35 Max.
13.2 Max.
10.3 Max.
3.8 Max.
Marking
4.4
11.4
±0.1
Connecting Pin
Insulating Base
Metal Can
4.0
5.5
15.0
The CSM-7 is an excellent choice for the SMD
version of the HC-49US leaded crystal. The
CSM-7 has a case height of 4.3 mm maximum
in a resistance weld metal package. A package
profile of 3.2 mm maximum is also available.
FEATURES
• Cost effective
• Space saving design
• Low profile
• Tape & Reel (1,000 pcs)
CSM-7
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
Figure 1) CSM-7 - Top, Side, Bottom and End views
Figure 2) CSM-7 Land Pattern - Bottom view
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE**
ECS
–
160
–
20
–
5P
* Load capacitance (xx=xx pF, S= series resonance), ** Package Type examples (-5P= 4.3mm max. height, -5PL= 3.2mm max. height)
For extended temp range of -40 to +85˚C ad -DN suffix for example ECS-160-20-5P-DN
Note: See Product Selection Guide for additional options.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
fo
3.57
70.000
MHz
FREQUENCY TOLERANCE
@ +25˚C
±30
PPM
Standard -10 +70˚C
±50
PPM
FREQUENCY STABILITY, ref @ 25˚C
“DN” Option -40 +85˚C
±100
PPM
Standard
-10
+70
˚C
OPERATING TEMPERATURE
“DN” Option
-40
+85
˚C
STORAGE TEMPERATURE (TSTG)TSTG
-40
+105
˚C
SHUNT CAPACITANCE (C0)C0
7.0
pF
LOAD CAPACITANCE (CL)CL (Customer Specified)
10
20.0 standard
Series
pF
DRIVE LEVEL
3.570 - 70.000 MHz
0.5
mW
AGING (FIRST YEAR)
@ +25˚C
±5.0
PPM
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
3.570 ~ 4.999
Fundamental
150
13.000 ~ 19.000
Fundamental
40
5.000 ~ 5.999
Fundamental
80
20.000 ~ 29.000
Fundamental
30
6.000 ~ 6.999
Fundamental
70
26.000 ~ 39.999
3rd O/T
100
7.000 ~ 8.999
Fundamental
60
40.000 ~ 70.000
3rd O/T
80
9.000 ~ 12.999
Fundamental
50
EQUIVALENT SERIES RESISTANCE
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 3) Frequency vs Temperature Curve
Height “H” (max.)
-5P
4.3 mm
-5PL
3.2 mm


Similar Part No. - CSM-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSM-7 ETC1-CSM-7 Datasheet
224Kb / 1P
SMD QUARTZ CRYSTAL
CSM-7-DN ETC1-CSM-7-DN Datasheet
105Kb / 1P
Extended Temp Range Crystal
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
Low Profile SMD Crystal
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
Low Profile SMD Crystal
CSM-7SSX ECS-CSM-7SSX Datasheet
576Kb / 2P
The CSM-7SSX is an excellent choice for a low cost SMD Crystal
More results

Similar Description - CSM-7

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com