Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-38SMF Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-38SMF
Description  SMD CRYSTAL FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-38SMF Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-38SMF Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-38SMF
SMD CRYSTAL FILTER
The ECS-38SMF Miniature SMD Monolithic Crystal Filter
offers a narrow bandwidth with a 2 pole response in
a 3.8 x 3.8 package.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PART NUMBER *
PIN CONNECTIONS
CENTER
FREQUENCY
Fo
MHz
dB
dB
dB
dB
dB
°C
Ω//pF
KHz
KHz
KHz
PASSBAND
MIN.
STOPBAND
MAX.
ATTENUATION
GUARANTEED
MIN.
RIPPLE
MAX.
LOSS
MAX.
NO. OF
POLES
TERMINATING
IMPEDANCE
OPERATING
TEMPERATURE
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
ECS-38SMF45A15
ECS-38SMF45A30
45.000
45.000
3
3
0.5
1.0
2.0
2.5
13
15
60
60
± 7.5
± 15.0
± 25.0
± 60.0
-900
-900
#1
#2
#3
#4
#5
#6
#7
#8
Input
Output
Ground
Ground
Ground
Ground
Ground
Ground
2
2
560//6.0
1100//1.0
-30 ~ +80
-30 ~ +80
PACKAGE DIMENSIONS (mm)
3.8 x 3.8 Footprint
RoHS Compliant
Tape & Reel Packaging


Similar Part No. - ECS-38SMF

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-38SMF45A15 ECS-ECS-38SMF45A15 Datasheet
955Kb / 2P
SMD CRYSTAL FILTER
ECS-38SMF45A30 ECS-ECS-38SMF45A30 Datasheet
955Kb / 2P
SMD CRYSTAL FILTER
ECS-38SMF ECS-ECS-38SMF_12 Datasheet
955Kb / 2P
SMD CRYSTAL FILTER
More results

Similar Description - ECS-38SMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-96SMF ETC1-ECS-96SMF Datasheet
74Kb / 1P
SMD MONOLITHIC CRYSTAL FILTER
logo
ECS, Inc.
ECS-75SMF ECS-ECS-75SMF Datasheet
169Kb / 1P
SMD CRYSTAL FILTER
ECS_96SMF21.4 ECS-ECS_96SMF21.4 Datasheet
160Kb / 1P
SMD CRYSTAL FILTER
ECS_96SMF45 ECS-ECS_96SMF45 Datasheet
161Kb / 1P
SMD CRYSTAL FILTER
ECS-38SMF ECS-ECS-38SMF_12 Datasheet
955Kb / 2P
SMD CRYSTAL FILTER
ECS-75SMF ECS-ECS-75SMF_14 Datasheet
175Kb / 2P
SMD CRYSTAL FILTER
ECS-96SMF ECS-ECS-96SMF_14 Datasheet
187Kb / 2P
SMD CRYSTAL FILTER
logo
MTRONPTI
XF9347R MTRONPTI-XF9347R Datasheet
255Kb / 2P
SMD Crystal Filter
logo
ECS, Inc.
ECS-96SMF21.4 ECS-ECS-96SMF21.4 Datasheet
187Kb / 1P
SMD CRYSTAL FILTER
ECS-96SMF45 ECS-ECS-96SMF45 Datasheet
187Kb / 1P
SMD CRYSTAL FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com