Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1321DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1321DI
Description  Load Switch with Controlled Slew Rate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1321DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1321DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1321DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ1321DI
Rev. 1.1 August 2008
www.aosmd.com
Page 2 of 15
Ordering Information
• All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
• Parts marked as Green Products (with “L” suffix) use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Slew Rate
Output Discharge
Package
Environmental
AOZ1321DI-04L
800µs
Yes
1.2 x 1.6 DFN-4
Green Product
AOZ1321DI-01L
800µs
No
AOZ1321DI-05L
1µs
Yes
AOZ1321DI-02L
1µs
No
AOZ1321DI-03L
100µs
Yes
AOZ1321DI-06L
100µs
No
Pin Name
Pin Number
Pin Function
IN
3
Input. IN is the drain of the P-channel MOSFET. It is the supply input of the IC.
GND
2
Ground.
OUT
1
Output. OUT is the source of the P-channel MOSFET.
EN
4
Enable. The P-channel MOSFET turns on when EN is logic HIGH.
1
2
EN
VIN
4
3
VOUT
GND
Pad is
GND
DFN-4 1.2mm x 1.6mm
(Top View)
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Note:
1. Devices are inherently ESD sensitive, handling precautions are
required. Human body model is a 100pF capacitor discharging
through a 1.5k
Ω resistor.
Recommend Operating Ratings
The device is not guaranteed to operate beyond the Maximum
Operating Ratings.
Parameter
Rating
Input Voltage (VIN)6V
Enable Voltage (VIN)6V
Continuous Drain Current (ID)
TA = 25°C
TA = 85°C
±2A
±1.4A
Pulsed Drain Current (IDP)
±6A
Continuous Diode Current (IS)
–50mA
Storage Temperature (TS)
–55°C to +150°C
ESD Rating(1)
4kV
Parameter
Rating
Input Voltage (VIN)
1.6V to 5.5V
Junction Temperature (TJ)
-40°C to +125°C
Package Thermal Resistance
1.2 x 1.6 DFN-4 (
Θ
JA)
1.2 x 1.6 DFN-4 (
Θ
JC)
143.17°C/W
128.1°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com