Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1360AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1360AI
Description  28V Programmable Current-Limited Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1360AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1360AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1360AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Alpha & Omega Semiconductor
AOZ1360
Ordering Information
AOZ1360 Preliminary Data Sheet Rev0
2
Alpha and Omega Semiconductor Confidential
TOP VIEW
SO-8
IN
IN
SS
EN
OUT
1
2
45
8
GND 3
OUT
7
SET
6
Pin Configuration
TOP VIEW
DFN4X4 10L
IN
IN
SS
EN
OUT
1
2
4
6
9
GND
3
OUT
8
SET
7
5
10
NC
NC
OUT
GND
Note: Connect all IN pins externally.
Pin Description
SO-8
Pin Number
DFN4x4 10L
Pin Number
Pin
Name
Pin Function
1,2
1,2
IN
P-channel MOSFET source. Connect a 1uF capacitor from IN to
GND.
3
4
GND
Ground.
4
5
SS
Soft-Start Pin. Connect a capacitor from SS to GND to set the soft-start
time. Connect SS to IN to set to the default soft-start time of 100us.
5
6
EN
Enable Input. Two options are available: active high and active low. See
Ordering Information for details.
6
7
SET
Current Limit Set Pin. Connect a resistor from SET to GND to set the
switch current limit.
3,8
NC
No Connect
7,8
9,10
OUT
P-channel MOSFET Drain. Connect a 0.1uF capacitor from OUT to GND.
Part Number
Package
Temperature Range
Environmental
AOZ1360AI
SO-8
-40
°C to +85°C
RoHS
AOZ1360DI
DFN4x4 10L
-40
°C to +85°C
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com