Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1905DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1905DI
Description  EZBoost 2A General Purpose Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1905DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1905DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1905DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AOZ1905
Rev. 1.5 December 2008
www.aosmd.com
Page 2 of 16
Ordering Information
All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Parts marked as Green Products (with “L” suffix) use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Operating Temperature Range
Package
Environmental
AOZ1905DI
-40°C to +85°C
3x3 DFN-10
Green Product
AOZ1905FI
-40°C to +85°C
MSOP-8
RoHS Compliant
AOZ1905FIL
-40°C to +85°C
MSOP-8
Green Product
Pin Name
Pin Number
Pin Function
DFN-10
MSOP-8
COMP
1
1
Compensation Pin. COMP is the output of the internal transconductance error
amplifier. Connect a RC network from COMP to GND to compensate the loop.
FB
2
2
Feedback Input. Connect a resistive divider between the boost regulator output
and ground with the center tap connected to FB to set output voltage.
EN
3
3
Enable Input. Pull EN high to enable the boost regulator and pull EN low to dis-
able the regulator.
GND
4, 5
4
System Ground.
LX
6, 7
5
Boost Regulator Switching Node.
IN
8
6
Input Supply Pin.
FSEL
9
7
Frequency Select Pin. The switching frequency is 1.2MHz when FSEL is
connected to IN, and 600kHz when FSEL is connected to ground.
SS
10
8
Soft-Start Pin. Connect a capacitor from SS to GND to set the soft-start period.
SS
FSEL
IN
LX
1
2
3
4
COMP
FB
EN
GND
MSOP-8
(Top View)
DFN-10
(Top View)
8
7
6
5
SS
FSEL
IN
LX
LX
1
2
3
4
5
COMP
FB
EN
GND
GND
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com