Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8011DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ8011DI
Description  8-Line EMI Filter with Integrated ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8011DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ8011DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8011DI Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOZ8011
Rev. 1.4 April 2008
www.aosmd.com
Page 2 of 7
Ordering Information
All AOS Products are offering in packaging with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ8011DI
-40°C to +85°C
DFN-16
RoHS Compliant
DFN-16
(Bottom View)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
116
215
314
413
512
611
710
89
Top View
Pin Number
Pin Name
Pin Function
1,16
CH 1
Channel 1 Connections
2, 15
CH 2
Channel 2 Connections
3, 14
CH 3
Channel 3 Connections
4, 13
CH 4
Channel 4 Connections
5, 12
CH 5
Channel 5 Connections
6, 11
CH 6
Channel 6 Connections
7, 10
CH 7
Channel 7 Connections
8, 9
CH 8
Channel 8 Connections
Exposed Pad
GND
Common Ground Connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com