Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECX-3S Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-3S
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-3S Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-3S Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
#4
#1
(1.0)
0.8
0.8
#3
#2
12.5 Max.
9.4
9.4
#3
#2
#4
#1
1.8
1.8
7.6
This wide frequency range SMD quartz
crystal is an excellent choice for surface
mount applications. The ruggedized
molded package is made from the same
thermoplastic that is industry standard
for integrated circuits.
FEATURES
• Low profile
• Industry standard footprint
• High temperature seal capabilities
• Excellent shock resistance
• Excellent environmental characteristics
• Tape and Reel (1000 pcs)
ECX-3S
SMD QUARTZ CRYSTAL
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
Figure 1) ECX-3S - Top, Side and End views
Figure 2) Internal Connections - Top view
Figure 4) ECX-3S Land Pattern - Bottom view
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
3.570 ~ 3.999
Fundamental
250
9.000 ~ 12.999
Fundamental
60
4.000 ~ 4.999
Fundamental
150
13.000 ~ 19.999
Fundamental
40
5.000 ~ 5.999
Fundamental
120
20.000 ~ 30.000
Fundamental
30
6.000 ~ 6.999
Fundamental
100
30.000 ~ 70.000
3rd O/T
100
7.000 ~ 8.999
Fundamental
80
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
PACKAGE DIMENSIONS (mm)
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE
ECS
–
160
–
20
–
7S
* Load capacitance (xx=xx pF, S= series resonance)
Note: See Product Selection Guide for additional options.
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 3) Frequency vs Temperature Curve
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
fo
3.57
70.00
MHz
SHUNT CAPACITANCE
C0
7.0
pF
LOAD CAPACITANCE
CL (Customer Specified)
12
20.0 standard
Series
pF
DRIVE LEVEL
3.50 ~ 70.00MHz
100
µW
CALIBRATION TOLERANCE
@ 25˚C
-30
+30
PPM
FREQUENCY STABILITY
∆f/fo
-50
+50
PPM
OPERATING TEMPERATURE RANGE
TOPR
-10
+70
˚C
STORAGE TEMPERATURE RANGE
TSTG
-40
+85
˚C


Similar Part No. - ECX-3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-3S ETC1-ECX-3S Datasheet
134Kb / 1P
SMD QUARTZ CRYSTAL
logo
ECS, Inc.
ECX-3SX ECS-ECX-3SX Datasheet
161Kb / 1P
SMD QUARTZ CRYSTAL
ECX-3SX ECS-ECX-3SX Datasheet
583Kb / 2P
an excellent choice for surface mount applications
ECX-3SX ECS-ECX-3SX_14 Datasheet
180Kb / 2P
SMD QUARTZ CRYSTAL
ECX-3SX ECS-ECX-3SX_17 Datasheet
583Kb / 2P
an excellent choice for surface mount applications
More results

Similar Description - ECX-3S

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com