Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBJ Datasheet(PDF) 1 Page - ECS, Inc.

Part # LPBJ
Description  2 ELEMENT CERAMIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LPBJ Datasheet(HTML) 1 Page - ECS, Inc.

  LPBJ Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC FILTERS
CERAMIC FILTERS
2.5
±0.2
0.15
±0.03
2.6
±0.3
0.7
9.0
±0.3
Connection
Input
Ground
Output
3
2
1
2.5
±0.2 2.5 ±0.2
1
2
3
LPBJ SERIES
2 ELEMENT CERAMIC FILTER
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
CENTER
3dB
SELECTIVITY
INSERTION
PART NUMBER
FREQUENCY (fo)
BANDWIDTH
(±9 KHZ OFF)
LOSS
LPB 450J
450 ±2.0 KHz
5.5 ±1.5 KHz
17 dB Min. (23)
6 dB Max. (3)
Figure 1) LPBJ Series – Front, Side and Bottom views
The LPBJ Series is a ceramic filter for
AM use.
FEATURES
• AM use
• IF filter
• 2 elements
PACKAGE DIMENSIONS (mm)
1. Center frequency is available in a range from 450 to 470 KHz.
2. Center frequency shall be defined as the central value of the band at 3dB.
3. Temperatue coefficient of center frequency is based on the center frequency @ 25˚C.
( ) = Typical values
ITEM \ TYPE
7 x 7 mm IFT
5 x 5 mm IFT
x—yy—Ž—‘x—yy—Ž—‘
85 T
67 T
23 T
84 T
98 T
33 T
UNLOADED Qu
90
65
TUNING CAPACITY
180pF
180pF
3
4
2
1
6
WINDING SPECIFICATIONS
Bottom
view
R1
Rg
R1 + Rg = 3.0 K
Ω
Insertion Loss = 2xlog(E1/2/E2)
S.S.G.
FILTER
E2
E1
RF
V.M.
R2
1
2
3
Connection
Input
Ground
Output
3
2
1
Figure 2) Measuring Circuit
Figure 3) LPBJ – Recommended IFT Specification


Similar Part No. - LPBJ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
CERAMIC FILTERS
logo
LUMEX INC.
LPB-R0111051S LUMEX-LPB-R0111051S Datasheet
248Kb / 1P
10 x 5mm LIGHT BAR.
LPB-R0112051S LUMEX-LPB-R0112051S Datasheet
45Kb / 1P
20x5mm LIGHT BAR
LPB-R0112051S-ARW LUMEX-LPB-R0112051S-ARW Datasheet
87Kb / 1P
20 X 5mm LIGHT BAR WITH ARROW OVERLAY
LPB-S01110101S LUMEX-LPB-S01110101S Datasheet
43Kb / 1P
10mm SQUARE LIGHT BAR
More results

Similar Description - LPBJ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
logo
List of Unclassifed Man...
LTM450W ETC-LTM450W Datasheet
66Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
Renesas Technology Corp
M5243BFP RENESAS-M5243BFP Datasheet
266Kb / 11P
3-element 2-ch Graphic Equalizer IC
logo
ECS, Inc.
LTM450U ECS-LTM450U Datasheet
270Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
6 ELEMENT CERAMIC FILTER
LTM455U ECS-LTM455U Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM455W ECS-LTM455W Datasheet
309Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
MTRONPTI
9100R MTRONPTI-9100R Datasheet
73Kb / 1P
SPECIFICATION FOR A LUMPED ELEMENT (LC) FILTER
HC MTRONPTI-HC Datasheet
239Kb / 2P
Broadband Lumped Element Highpass Filter
logo
WAGO Kontakttechnik Gmb...
788-148 WAGO-788-148 Datasheet
160Kb / 4P
Filter module; RC filter element; Nominal voltage: 230 VAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com