Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM455HTW Datasheet(PDF) 1 Page - ECS, Inc.

Part # LTM455HTW
Description  6 ELEMENT CERAMIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

LTM455HTW Datasheet(HTML) 1 Page - ECS, Inc.

  LTM455HTW Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CERAMIC FILTERS
CERAMIC FILTERS
LTM455W SERIES
6 ELEMENT CERAMIC FILTER
7.1
9.5
6.4
3
4
5
2
1
Connection
Input
Ground
Output
Ground
Ground
3
4
5
2
1
2.6
2.9
7.1
Figure 1) LTM455W – Front, Side and Bottom views
Ultra small size high selectivity type ceramic
filter for communication use.
FEATURES
• Ultra small size
• 6.3 mm profile
• Broad bandwidth
• RoHS Compliante (Note 7 exemption)
• 6 elements
Rg
Rg+R1=R2=input/output impedance
S.S.G.
LTM
V.M.
RF
R2
1
2
3
4
5
Figure 2) LTM455W – Measuring Circuit
Frequency (KHz)
0
10
20
30
40
50
60
410
420
430
440
450
460
470
480
490
500
LTM455BW
LTM455EW
LTM455HW
Figure 3) LTM455W – Characteristics
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
CENTER
INSERTION
PASS BAND
6 dB
50 dB
STOP BAND ATT.
INPUT / OUTPUT
PART NUMBER
FREQUENCY
LOSS
RIPPLE
BANDWIDTH
BANDWIDTH
±100KHZ
IMPEDANCE
(KHz)
(dB) MAX.
(dB) MAX.
(KHz) MIN.
(dB) MAX.
(dB) MIN.
(
Ω)
LTM455BW
455 ±2.0
4
2
±15
±30
45
1500
LTM455CW
455 ±2.0
4
2
±12.5
±24
45
1500
LTM455DW
455 ±1.5
4
2
±10
±20
45
1500
LTM455EW
455 ±1.5
6
2
±7.5
±15
45
1500
LTM455FW
455 ±1.5
6
2
±6
±12.5
45
2000
LTM455GW
455 ±1.5
6
2
±4.5
±10
45
2000
LTM455HW
455 ±1.0
6
2
±3
±9
45
2000
LTM455IW
455 ±1.0
6
2
±2
±7.5
45
2000
LTM455HTW
455 ±1.0
6
2
±3
±9
60
2000
LTM455ITW
455 ±1.0
6
2
±2
±7.5
60
2000
Note: To avoid potential problems, connect the output to an IF amplifier
through a DC cut capacitor.
Avoid applying a direct current to output end of the ceramic filters (between | and y➂{).


Similar Part No. - LTM455HTW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455HTW AURIS-LTM455HTW Datasheet
128Kb / 1P
Filter THT
logo
EUROQUARTZ limited
LTM455HTW EUROQUARTZ-LTM455HTW Datasheet
52Kb / 1P
CERAMIC FILTER
logo
Shoulder Electronics Li...
LTM455HTW SHOULDER-LTM455HTW Datasheet
96Kb / 2P
CERAMIC FILTER
logo
auris-GmbH
LTM455HTW AURIS-LTM455HTW Datasheet
270Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455HTW TOKEN-LTM455HTW Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
More results

Similar Description - LTM455HTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450W ETC-LTM450W Datasheet
66Kb / 1P
6 ELEMENT CERAMIC FILTER
logo
ECS, Inc.
LPBJ ECS-LPBJ Datasheet
235Kb / 1P
2 ELEMENT CERAMIC FILTER
LTM450U ECS-LTM450U Datasheet
270Kb / 1P
4 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
6 ELEMENT CERAMIC FILTER
LTM455U ECS-LTM455U Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
logo
Oscilent Corporation
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
450 KHz 6 Element
731-455-AW OSCILENT-731-455-AW Datasheet
138Kb / 2P
455 KHz 6 Element
737-450-AW OSCILENT-737-450-AW Datasheet
139Kb / 2P
450 KHz 6 Element
730-450-HT OSCILENT-730-450-HT Datasheet
138Kb / 2P
450 KHz 6 Element
731-455-IT OSCILENT-731-455-IT Datasheet
138Kb / 2P
455 KHz 6 Element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com