Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTA4620 Datasheet(PDF) 4 Page - celduc-relais

Part # SWTA4620
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWTA4620 Datasheet(HTML) 4 Page - celduc-relais

  SWTA4620 Datasheet HTML 1Page - celduc-relais SWTA4620 Datasheet HTML 2Page - celduc-relais SWTA4620 Datasheet HTML 3Page - celduc-relais SWTA4620 Datasheet HTML 4Page - celduc-relais SWTA4620 Datasheet HTML 5Page - celduc-relais SWTA4620 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
celduc®
r
e
l
a
i
s
S/GRA/SWTA4620/B/23/07/2002
Page 4/6 GB
INTERNAL POWER SUPPLY
CHARACTERISTIC
LABEL
VALUE
INFO.
Terminals
3L2 & 5L3
Mains voltage range
Ue
200->480VAC
Consumption
Is
1mA typical
Mains frequency range
F
40-65Hz
Turn-on time
tm
100ms
GENERAL INFORMATION
Connections
Power
Input terminal block
Screwdriver advised
Posidriv 2 or 0.8 x 5.5mm
0.8 x 2mm
Min and max tightening torque
1.8->3N.m
Number and cross section of the
wires
2 x 1.5->6mm2
(10mm2 without ferrule)
1 x 2.5mm2
Screwdriver for settings
0.8 x 2mm
Housing
UL94V0
Mounting
Omega DIN rail (DIN50022) or screwed
Noise level
Low audible vibrations
Weight
1500g
STANDARDS
Standards
EN60947-4-2 & EN60947-4-3
Protection level
IP2L0
Protection against direct touch
Accordin to V.D.E. 160 part 100 :
Back hand and finger safety
CE marking
Yes
UL, cULUS and VDE approvals
Pending
TYPE OF TEST
STANDARD
LEVEL
EFFECT
E.S.D. (Electrostatic discharges)
EN61000-4-2
8kV (air)
4kV (touch)
No effect
Radiated electromagnetic fields
EN61000-4-3
10V/m
No effect
Fast transients bursts
EN61000-4-4
2kV direct coupling on the power side
2kV coupling by clamp on the input side
No effect
Electric chocks
EN61000-4-5
1kV direct coupling differential mode (input and output)
2kV direct coupling common mode (input and output)
No effect
Voltage drop
EN61000-4-11
-
Radiated and conducted
disturbances
NFEN55011
The conducted or radiated disturbances generated by
solid state relays depend on the wiring and load
configuration.
The test method recommended by the European standards
and concerning electromagnetic compatibility leading to
results far from reality, we decided to advise our customer
in order to adapt their filtering scheme to their application.
Please refer to the SVTA – SWTA installation
manual.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com