Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTA4630 Datasheet(PDF) 3 Page - celduc-relais

Part # SWTA4630
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWTA4630 Datasheet(HTML) 3 Page - celduc-relais

  SWTA4630 Datasheet HTML 1Page - celduc-relais SWTA4630 Datasheet HTML 2Page - celduc-relais SWTA4630 Datasheet HTML 3Page - celduc-relais SWTA4630 Datasheet HTML 4Page - celduc-relais SWTA4630 Datasheet HTML 5Page - celduc-relais SWTA4630 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
celduc®
r
e
l
a
i
s
S/GRA/SWTA4630/B/23/07/2002
Page 3/6 GB
OUTPUT CHARACTERISTICS
CHARACTERISTIC
LABEL
VALUE
INFO.
Mains voltage range
Ue
200 -> 480VAC
Non-repetitive peak voltage
Uep
1200V
Overvoltage protection
VDR
Built-in 510V size 14 varistors
Resistive
Ithmax
AC51
Resistive
Ith AC51
Motor
Iemax
AC53a
Motor
Ie AC53a
Maximum nominal currents
Ie
25A
16A
(EN60947-4-3)
25A
16A
(EN60947-4-2)
Maximum line currents in delta
wiring
ILine
43A
28A
(EN60947-4-3)
43A
28A
(EN60947-4-2)
@40°C
See fig. 7
Delta wiring :
See
installation
manual
Max motor power
Pe
11kW @400VAC star connection
@40°C
Non-repetitive peak overload
current (1 cycle of 10ms)
ITSM
1500A
See fig. 8
Melting limit for choosing the
protective fuses
I²t
11000A²s
@10ms
Minimum load current
Iemin
100mA
Maximum leakage current
Ielk
7mA
@400VAC 50Hz
Power factor
Pf
0->1
Mains frequency range
F
40->65Hz
Max. off-state voltage rise
dv/dt
500V/µs
Protection against fast voltage
transients
Buit-in RC network
Max. current rise
di/dt
50A/µs
On-state voltage drop
Ud
1.4V
@Ith
Resistive part of the voltage
drop
rt
3.5mΩ
@125°C
Potential part of the voltage
drop
Vto
0.9V
@125°C
Maximum junction temperature
Tjmax
125°C
Junction/case thermal
resistance per power element
Rthjc
0.3K/W
Total = 3
power
elements
Case heatsink thermal
resistance
Rthcs
0.05K/W
Built-in heatsink thermal
resistance vertically mounted
Rthra
0.9K/W
@∆Tra=60°C
Heatsink thermal time constant
Tthra
35min
@∆Tra=60°C
Inputs/power ouputs
insulation voltage
Uimp
4kV
Input/status outputs
insulation voltage
Uied
2.5kV
Inputs/case insulation voltage
Uimp
4kV
Status outputs/case
insulation voltage
Uimp
4kV
Isolation resistance
Rio
1GΩ
Isolation capacitance
Cio
<8pF
Storage ambient temperature
Tstg
-40->+100°C
Operating ambient temperature
Tamb
-40->+90°C
See fig. 7
Max. heatsink temperature
Tc
100°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com