Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTA4650 Datasheet(PDF) 1 Page - celduc-relais

Part # SWTA4650
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWTA4650 Datasheet(HTML) 1 Page - celduc-relais

  SWTA4650 Datasheet HTML 1Page - celduc-relais SWTA4650 Datasheet HTML 2Page - celduc-relais SWTA4650 Datasheet HTML 3Page - celduc-relais SWTA4650 Datasheet HTML 4Page - celduc-relais SWTA4650 Datasheet HTML 5Page - celduc-relais SWTA4650 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Proud to serve you
Proud to serve you
Proud to serve you
Proud to serve you
Data given at Tambient=40°C and subject to modification without previous notice
celduc®
r
e
l
a
i
s
celduc®
r
e
l
a
i
s
S/GRA/SWTA4650/C/23/07/2002
Page 1/6 GB
DIGITAL THREE PHASE ANGLE
CONTROLLER
SWTA4650
!
Allows to set the voltage applied to different sort of loads with 3 wires, 4 wires or
inside the delta wiring:
!
Resistive (Bulbs, UV and IR lamps, ovens, …),
!
Inductive (inductors, transformers, …),
!
Motor (motorfan speed control (60 to 100% from the nominal speed),
!
Rectified (power supplies, …).
!
Small housing, easy and ready to use.
!
Large mains frequency and voltage range.
!
Fully optoisolated full cycle three phase phase angle controller (balanced
currents, less harmonics, …)
!
Dynamic control voltage range according to the power factor of the load.
!
Softstart and softstop functions (increase lifetime expectancy of the load).
!
Adjustable filter regarding fast input voltage changes (ramps).
!
Motor softstarting functions to control its speed within the stable area.
!
Input-output transfert characteristic linearization function (resistive load).
!
Diagnostic features : Status given on LED and AC/DC switches.
Proportionnal analog voltage
control input
0-10V
200->480VAC
50A AC-51 @40°C
(heatsink fan voltage = 230VAC)
Mains
Voltage
Mains
Frequency
Max AC-51
Current
Max AC-53a
Current
Control
Input
Status
Ouputs
In / Out
Insulation
Wire Size
Dimensions
(WxHxD)
Weight
200 to
480VAC
40 to 65Hz
50A (70A)
@40°C
30A
@40°C
0-10VDC
0 to 24VDC
1A AC/DC
4kV
In=2.5mm²
Out=10mm²
110x141x180
(mm)
2600g
Fig. 1
TYPICAL APPLICATIONS
Fig. 2
WIRING DIAGRAM
Fig. 3
PHASE ANGLE CONTROL DESCRIPTION
Fig. 4
INTERNAL DIAGRAM


Similar Part No. - SWTA4650

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWTA46501 CELDUC-SWTA46501 Datasheet
385Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
More results

Similar Description - SWTA4650

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SVTA4650 CELDUC-SVTA4650 Datasheet
355Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4651 CELDUC-SVTA4651 Datasheet
355Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4684 CELDUC-SVTA4684 Datasheet
382Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4690 CELDUC-SVTA4690 Datasheet
375Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SVTA4691 CELDUC-SVTA4691 Datasheet
374Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4610 CELDUC-SWTA4610 Datasheet
367Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4620 CELDUC-SWTA4620 Datasheet
366Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4630 CELDUC-SWTA4630 Datasheet
369Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA4631 CELDUC-SWTA4631 Datasheet
369Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
SWTA46501 CELDUC-SWTA46501 Datasheet
385Kb / 6P
DIGITAL THREE PHASE ANGLE CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com