Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWTA46501 Datasheet(PDF) 6 Page - celduc-relais

Part # SWTA46501
Description  DIGITAL THREE PHASE ANGLE CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWTA46501 Datasheet(HTML) 6 Page - celduc-relais

  SWTA46501 Datasheet HTML 1Page - celduc-relais SWTA46501 Datasheet HTML 2Page - celduc-relais SWTA46501 Datasheet HTML 3Page - celduc-relais SWTA46501 Datasheet HTML 4Page - celduc-relais SWTA46501 Datasheet HTML 5Page - celduc-relais SWTA46501 Datasheet HTML 6Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
celduc
®
r
e
l
a
i
s
celduc®
r
e
l
a
i
s
S/GRA/SWTA46501/A/23/07/2002
Page 6/6 GB
DIMENSIONS AND ACCESSORIES
Fig. 9
DIMENSIONS
CHARACTERISTIC
LABEL
VALUE
INFO.
Contact type
Normally closed
Closing temperature
90°C +/-3°C
Opening temperature
80°C
Nominal voltage
250VAC/DC
Nominal current
6A
Contact resistance
10mΩ
Insulation between opened
contacts
10GΩ
Insulation between housing and
contacts
4kV
Isolation resistance
10GΩ
Connections
2.8mm flat tabs or welded wires
Motor
DC motor
Supply voltage
18-28VDC
Consumption
1.4W 58mA
Supply frequency
16.9 liters/seconds (35.9Cu ft/min)
Speed
-
Noise level
23dbA
Connections
Tinned wires
www.celduc.com
Rue Ampère B.P. 4
42290 SORBIERS - France
Phone : 33 (0) 4 77 53 90 21 Fax : 33 (0) 4 77 53 85 51 Email : celduc-relais@celduc.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com