Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WF108110 Datasheet(PDF) 1 Page - celduc-relais

Part # WF108110
Description  Heatsink with DIN rail adaptator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

WF108110 Datasheet(HTML) 1 Page - celduc-relais

  WF108110 Datasheet HTML 1Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WF108110
page 1 / 1 F/GB
S/ACC/WF108100/A/23/03/2004
Dissipateur Thermique avec adaptateur DIN
Heatsink with DIN rail adaptator
Rth environ (about)1,1K/W
voir courbe pour la puissance dissipée et la ventilation -
see curve for power dissipation and ventilation)
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
r
e
l
a
i
s
0
10
20
30
40
0
0
0,2
0,4
0,6
0
POWER DISSIPATION (W)
AIR CALM
THERMAL RESISTANCE
0,8
1
1,2
1,4
1,6
1,8
50
60
ventilation 2m/s
without any ventilation
Perçage prévu pour montage relais SC
ou SV ou SO (okpac)
Drilling for Solid State Relays : SC or
SV or SO(okpac) range
Avec une élévation de température de
50
°C, on peut dissiper un peu plus de
40 watts en air calme. Avec une venti-
lation d'armoire, on peut dissiper jus-
qu'à 70/80 watts sans problème.
With a rise temperature of the heatsink
of 50
°C, you can have a power dissi-
pation of a little more than 40 watts in
air calm. With a ventilation in the ca-
binet, you can push up to 70/80 watts .


Similar Part No. - WF108110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF108 ETC1-WF108 Datasheet
55Kb / 2P
DC/DC Converters
logo
XP Power Limited
WF108 XPPOWER-WF108 Datasheet
86Kb / 2P
DC-DC Power Supplies
WF108 XPPOWER-WF108 Datasheet
297Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
WF108U ETC1-WF108U Datasheet
55Kb / 2P
DC/DC Converters
More results

Similar Description - WF108110

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
logo
celduc-relais
WF311100 CELDUC-WF311100 Datasheet
44Kb / 1P
Heatsink with DIN rail adaptator
logo
List of Unclassifed Man...
SDP1-48-100T ETC2-SDP1-48-100T Datasheet
727Kb / 2P
DIN Rail Mounting/Montaje en Riel DIN/Montage du Rail DIN
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
PHOENIX CONTACT
5102660 PHOENIX-5102660 Datasheet
42Kb / 1P
SBM ONLY WITH DIN RAIL
11/05/2018
logo
Coolgear Inc.
DINRCLP3X COOLGEAR-DINRCLP3X Datasheet
280Kb / 2P
Din Rail Clip with 3 Prong Metal Catch for Din Rail Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com