Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2272 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2272
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272 Datasheet(HTML) 4 Page - Linear Technology

  LTC2272 Datasheet HTML 1Page - Linear Technology LTC2272 Datasheet HTML 2Page - Linear Technology LTC2272 Datasheet HTML 3Page - Linear Technology LTC2272 Datasheet HTML 4Page - Linear Technology LTC2272 Datasheet HTML 5Page - Linear Technology LTC2272 Datasheet HTML 6Page - Linear Technology LTC2272 Datasheet HTML 7Page - Linear Technology LTC2272 Datasheet HTML 8Page - Linear Technology LTC2272 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC2273/LTC2272
4
22732f
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS unless otherwise noted. (Note 4)
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
LTC2273
LTC2272
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SFDR
Spurious Free Dynamic
Range 4th Harmonic or
Higher
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBc
dBc
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dBc
dBc
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
l
90
100
100
90
100
100
dBc
dBc
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
95
100
95
100
dBc
dBc
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
90
95
90
95
dBc
dBc
S/(N+D) Signal-to-Noise
Plus Distortion Ratio
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
77.5
75.3
77.5
75.3
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0), TA = 25°C
15MHz Input (2.25V Range, PGA = 0
15MHz Input (1.5V Range, PGA = 1)
l
76.3
75.9
77.4
77
75.2
76.3
75.9
77.4
77
75.2
dBFS
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1), TA = 25°C
70MHz Input (1.5V Range, PGA = 1)
l
74.4
74.1
76.7
75
74.7
74.4
74.1
76.7
75
74.7
dBFS
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
75.3
74.3
75.3
74.3
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
73.4
73.4
73.4
73.4
dBFS
dBFS
SFDR
Spurious Free Dynamic
Range at –25dBFS Dither
“OFF”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
100
100
100
100
dBFS
dBFS
SFDR
Spurious Free Dynamic
Range at –25dBFS Dither
“ON”
5MHz Input (2.25V Range, PGA = 0)
5MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
15MHz Input (2.25V Range, PGA = 0)
15MHz Input (1.5V Range, PGA = 1)
l
97
115
115
97
115
115
dBFS
dBFS
70MHz Input (2.25V Range, PGA = 0)
70MHz Input (1.5V Range, PGA = 1)
115
115
115
115
dBFS
dBFS
140MHz Input (2.25V Range, PGA = 0)
140MHz Input (1.5V Range, PGA = 1)
110
110
110
110
dBFS
dBFS
170MHz Input (2.25V Range, PGA = 0)
170MHz Input (1.5V Range, PGA = 1)
105
105
105
105
dBFS
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com