Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2299UP Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2299UP
Description  Dual 14-Bit, 80Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2299UP Datasheet(HTML) 2 Page - Linear Technology

  LTC2299UP Datasheet HTML 1Page - Linear Technology LTC2299UP Datasheet HTML 2Page - Linear Technology LTC2299UP Datasheet HTML 3Page - Linear Technology LTC2299UP Datasheet HTML 4Page - Linear Technology LTC2299UP Datasheet HTML 5Page - Linear Technology LTC2299UP Datasheet HTML 6Page - Linear Technology LTC2299UP Datasheet HTML 7Page - Linear Technology LTC2299UP Datasheet HTML 8Page - Linear Technology LTC2299UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2299
2299fa
2
ORDER PART
NUMBER
QFN PART*
MARKING
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
●
14
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
●
–5
±1.2
5
LSB
Differential Linearity Error
Differential Analog Input
●
–1
±0.5
1
LSB
Offset Error
(Note 6)
●
–12
±212
mV
Gain Error
External Reference
●
–2.5
±0.5
2.5
%FS
Offset Drift
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
ppm/
°C
External Reference
±5
ppm/
°C
Gain Matching
External Reference
±0.3
%FS
Offset Matching
±2mV
Transition Noise
SENSE = 1V
1.2
LSBRMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2299C ............................................... 0
°C to 70°C
LTC2299I .............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
LTC2299UP
LTC2299CUP
LTC2299IUP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CO VERTER CHARACTERISTICS
TOP VIEW
65
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
– 2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
– 15
AINB
+ 16
48 DA7
47 DA6
46 DA5
45 DA4
44 DA3
43 DA2
42 DA1
41 DA0
40 OFB
39 DB13
38 DB12
37 DB11
36 DB10
35 DB9
34 DB8
33 DB7
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com