Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2365 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2365
Description  1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology LTC2365 Datasheet HTML 19Page - Linear Technology LTC2365 Datasheet HTML 20Page - Linear Technology LTC2365 Datasheet HTML 21Page - Linear Technology LTC2365 Datasheet HTML 22Page - Linear Technology LTC2365 Datasheet HTML 23Page - Linear Technology LTC2365 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2365/LTC2366
21
23656f
Figure 20. Power Supply Ground Practice
High quality tantalum and ceramic bypass capacitors
should be used at the VDD and VREF pins as shown in the
Typical Application circuit on the first page of this data
sheet. For optimum performance, a 10μF surface mount
AVX capacitor with a 0.1μF ceramic is recommended for
the VDD pin and a 4.7μF surface mount AVX capacitor
with a 0.1μF ceramic is recommended for the VREF and
OVDD pins. Alternatively, 4.7μF and 10μF ceramic chip
capacitors such as Murata GRM235Y5V106Z016 may
be used. The capacitors must be located as close to the
pins as possible. The traces connecting the pins and the
bypass capacitors must be kept short and should be made
as wide as possible.
APPLICATIONS INFORMATION
Figure 20 shows the recommended system ground con-
nections. All analog circuitry grounds should be terminated
at the LTC2365/LTC2366. The ground return from the
LTC2365/LTC2366 to the power supply should be low
impedancefornoisefreeoperation.Digitalcircuitrygrounds
must be connected to the digital supply common.
In applications where the ADC data outputs and control sig-
nals are connected to a continuously active microprocessor
bus, it is possible to get errors in the conversion results.
These errors are due to feedthrough from the micropro-
cessor to the successive approximation comparator. The
problem can be eliminated by forcing the microprocessor
into a Wait state during conversion or by using three-state
buffers to isolate the ADC data bus.
23656 F20
GND
AIN
VDD
CAIN
CS
SDO
SCK
CVDD
PIN 1
VIAS TO GROUND PLANE
+
10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com