Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2272UJ Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2272UJ
Description  16-Bit, 80Msps/65Msps Serial Output ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2272UJ Datasheet(HTML) 2 Page - Linear Technology

  LTC2272UJ Datasheet HTML 1Page - Linear Technology LTC2272UJ Datasheet HTML 2Page - Linear Technology LTC2272UJ Datasheet HTML 3Page - Linear Technology LTC2272UJ Datasheet HTML 4Page - Linear Technology LTC2272UJ Datasheet HTML 5Page - Linear Technology LTC2272UJ Datasheet HTML 6Page - Linear Technology LTC2272UJ Datasheet HTML 7Page - Linear Technology LTC2272UJ Datasheet HTML 8Page - Linear Technology LTC2272UJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC2273/LTC2272
2
22732f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................... –0.3V to 4V
Analog Input Voltage (Note 3).......–0.3V to (VDD + 0.3V)
Digital Input Voltage......................–0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation .............................................2000mW
Operating Temperature Range
LTC2273C/LTC2272C ............................... 0°C to 70°C
LTC2273I/LTC2272I.............................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Digital Output Supply Voltage (OVDD) .......... –0.3V to 4V
OVDD = VDD (Notes 1, 2)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
UJ PACKAGE
40-LEAD (6mm
6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
VDD
VDD
GND
AIN
+
AIN
–
GND
GND
GND
ENC+
ENC–
GND
SYNC–
SYNC+
GND
GND
OVDD
CMLOUT+
CMLOUT–
OVDD
GND
21
30
10
1
TJMAX = 150°C, θJA = 22°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2273CUJ#PBF
LTC2273CUJ#TRPBF
LTC2273UJ
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2273IUJ#PBF
LTC2273IUJ#TRPBF
LTC2273UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC2272CUJ#PBF
LTC2272CUJ#TRPBF
LTC2272UJ
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2272IUJ#PBF
LTC2272IUJ#TRPBF
LTC2272UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2273CUJ
LTC2273CUJ#TR
LTC2273UJ
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2273IUJ
LTC2273IUJ#TR
LTC2273UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC2272CUJ
LTC2272CUJ#TR
LTC2272UJ
40-Lead (6mm
× 6mm) Plastic QFN
0°C to 70°C
LTC2272IUJ
LTC2272IUJ#TR
LTC2272UJ
40-Lead (6mm
× 6mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
CONVERTER CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Linearity Error
Differential Analog Input (Note 5) TA = 25°C
±1.2
±4
LSB
Integral Linearity Error
Differential Analog Input (Note 5)
l
±1.5
±4.5
LSB
Differential Linearity Error
Differential Analog Input
l
±0.3
±1
LSB
Offset Error
(Note 6)
l
±1
±8.5
mV
Offset Drift
±10
μV/°C
Gain Error
External Reference
l
±0.2
±1.5
%FS
Full-Scale Drift
Internal Reference
External Reference
±30
±15
ppm/°C
ppm/°C
Transition Noise
3LSBRMS
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com